Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL311 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TIL311
Description  HEXADECIMAL DISPLAY WITH LOGIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TIL311 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TIL311 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TIL311
HEXADECIMAL DISPLAY WITH LOGIC
TAOS058 − JANUARY 2004
1
The
LUMENOLOGY
r Company
r
r
Copyright
E 2006, TAOS Inc.
www.taosinc.com
D Internal TTL MSI IC with Latch, Decoder,
and Driver
D 0.300-Inch (7,62-mm) Character Height
D Wide Viewing Angle
D High Brightness
D Left-and-Right-Hand Decimals
D Constant-Current Drive for Hexadecimal
Characters
D Separate LED and Logic Power Supplies
May Be Used
D Operates from 5-V Supply
D Easy System Interface
Description
The TIL311 is a single-digit LED hexadecimal display with internal four-bit latch, decoder, and constant-current
LED drivers in a 14-pin dual-in-line-package. Hexadecimal characters are formed by a 4
× 7 array of red
light-emitting-diodes that are illuminated in a modified seven-segment configuration. The device includes
right-hand and left-hand externally driven decimal points.
Functional Block Diagram
4-Bit
Latch
Decoder
Constant
Current
Driver
Latch
Data
Inputs
A
B
C
D
Left Decimal
Point Cathode
Right Decimal
Point Cathode
Latch Strobe
Input
Blanking
Input
Logic
Supply
LED
Supply
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
1 LED Supply
2 Data Input B
3 Data Input A
4 Left Decimal
5 Strobe Input
6 omitted
7 Ground
PACKAGE P
14-LEAD PDIP
(BOTTOM VIEW)
Logic Supply 14
Data Input C 13
Data Input D 12
omitted 11
Right Decimal 10
omitted 9
Blanking Input 8


Similar Part No. - TIL311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL311 TI-TIL311 Datasheet
119Kb / 4P
[Old version datasheet]   HEXDECIMAL DISPLAY WITH LOGIC
TIL311 TI-TIL311 Datasheet
81Kb / 5P
[Old version datasheet]   HEXADECIMAL DISPLAY WITH LOGIC
logo
TEXAS ADVANCED OPTOELEC...
TIL311 TAOS-TIL311 Datasheet
139Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
logo
Texas Instruments
TIL311A TI-TIL311A Datasheet
119Kb / 4P
[Old version datasheet]   HEXDECIMAL DISPLAY WITH LOGIC
logo
TEXAS ADVANCED OPTOELEC...
TIL311 TAOS-TIL311_07 Datasheet
139Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
More results

Similar Description - TIL311

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TIL311 TAOS-TIL311_07 Datasheet
139Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
logo
List of Unclassifed Man...
4N56 ETC1-4N56 Datasheet
209Kb / 5P
   HEXADECIMAL DISPLAY WITH LOGIC
logo
Texas Instruments
TIL311 TI-TIL311_1 Datasheet
81Kb / 5P
[Old version datasheet]   HEXADECIMAL DISPLAY WITH LOGIC
4N54 TI-4N54 Datasheet
265Kb / 5P
[Old version datasheet]   HERMETIC HEXADECIMAL DISPLAY WITH LOGIC
logo
List of Unclassifed Man...
745-0007 ETC1-745-0007 Datasheet
280Kb / 3P
   HEXADECIMAL DISPLAY WITH INTEGRAL TTL MSI CIRCUIT CHIP
logo
Texas Instruments
TIL311 TI-TIL311 Datasheet
119Kb / 4P
[Old version datasheet]   HEXDECIMAL DISPLAY WITH LOGIC
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
List of Unclassifed Man...
TC372 ETC-TC372 Datasheet
800Kb / 3P
   COUNTERS DECADE HEXADECIMAL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com