Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL13T Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL13T
Description  LIGHT-TO-VOLTAGE CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL13T Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL13T Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13T Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13T Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13T Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13T Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13T Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13T Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13T Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13T Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TSL12T, TSL13T
LIGHT-TO-VOLTAGE CONVERTERS
TAOS062D − APRIL 2007
2
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Terminal Functions
TERMINAL
NAME
T PKG
NO.
DESCRIPTION
GND
2
Power supply ground (substrate). All voltages are referenced to GND.
OUT
4
Output voltage.
VDD
3
Supply voltage.
N/C
1
No connection.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25°C (see Note 2)
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Solder conditions in accordance with JEDEC J−STD−020A, maximum temperature
260°C
. . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltages are with respect to GND.
2. Output may be shorted to supply.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C


Similar Part No. - TSL13T

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL13T AMSCO-TSL13T Datasheet
651Kb / 15P
   LIGHT-TO-VOLTAGE CONVERTERS
More results

Similar Description - TSL13T

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL12S TAOS-TSL12S Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
ams AG
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL13FN AMSCO-TSL13FN Datasheet
586Kb / 19P
   Light-to-Voltage Converters
TSL14 AMSCO-TSL14 Datasheet
792Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
   HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
logo
ams AG
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
   PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com