Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65C3232EDBG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65C3232EDBG4
Description  3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C3232EDBG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65C3232EDBG4 Datasheet HTML 1Page - Texas Instruments SN65C3232EDBG4 Datasheet HTML 2Page - Texas Instruments SN65C3232EDBG4 Datasheet HTML 3Page - Texas Instruments SN65C3232EDBG4 Datasheet HTML 4Page - Texas Instruments SN65C3232EDBG4 Datasheet HTML 5Page - Texas Instruments SN65C3232EDBG4 Datasheet HTML 6Page - Texas Instruments SN65C3232EDBG4 Datasheet HTML 7Page - Texas Instruments SN65C3232EDBG4 Datasheet HTML 8Page - Texas Instruments SN65C3232EDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
D, DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
SN65C3232E,, SN75C3232E
3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS
WITH
±15-kV IEC ESD PROTECTION
SLLS697 – DECEMBER 2005
Operate With 3-V to 5.5-V VCC Supply
Operate up to 1 Mbit/s
Low Supply Current . . . 300
µA Typ
External Capacitors . . . 4
× 0.1 µF
Accept 5-V Logic Input With 3.3-V Supply
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection for RS-232 Pins
±15-kV Human-Body Model (HBM)
±15-kV IEC 61000-4-2 Air-Gap Discharge
±8-kV IEC 61000-4-2 Contact Discharge
Battery-Powered Systems
PDAs
Notebooks
Laptops
Palmtop PCs
Hand-Held Equipment
The SN65C3232E and SN75C3232E consist of two line drivers, two line receivers, and a dual charge-pump
circuit with
±15-kV ESD protection pin to pin (serial-port connection pins, including GND). These devices provide
the electrical interface between an asynchronous communication controller and the serial-port connector. The
charge pump and four small external capacitors allow operation from a single 3-V to 5.5-V supply. The devices
operate at data signaling rates up to 1 Mbit/s and a driver output slew rate of 14 V/
µs to 150 V/µs.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 40
SN65C3232ED
65C3232
SOIC – D
Reel of 2500
SN65C3232EDR
65C3232
Tube of 40
SN65C3232EDW
SOIC – DW
–40
°C to 85°C
Reel of 2000
SN65C3232EDWR
65C3232
SSOP – DB
Reel of 2000
SN65C3232EDBR
CB3232
Tube of 90
SN65C3232EPW
TSSOP – PW
Reel of 2000
SN65C3232EPWR
75C3232
Tube of 40
SN75C3232ED
SOIC – D
Reel of 2500
SN75C3232EDR
75C3232
Tube of 40
SN75C3232EDW
SOIC – DW
0
°C to 70°C
Reel of 2000
SN75C3232EDWR
75C3232
SSOP – DB
Reel of 2000
SN75C3232EDBR
Tube of 90
SN75C3232EPW
TSSOP – PW
CA3232
Reel of 2000
SN75C3232EPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65C3232EDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3232EDB TI-SN65C3232EDB Datasheet
305Kb / 15P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
SN65C3232EDBR TI-SN65C3232EDBR Datasheet
305Kb / 15P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - SN65C3232EDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3232E TI-SN65C3232E Datasheet
305Kb / 15P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
TRSF3232E TI-TRSF3232E Datasheet
499Kb / 17P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3232E TI-TRSF3232E_V01 Datasheet
1Mb / 22P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223E TI-SN65C3223E_07 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3238E TI-SN65C3238E_07 Datasheet
384Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
SN65C3238E TI-SN65C3238E Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
SN65C3221E TI-SN65C3221E Datasheet
198Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3221E TI-TRSF3221E_V01 Datasheet
893Kb / 21P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com