Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1019P Datasheet(PDF) 3 Page - AUK corp

Part # SL1019P
Description  AM TUNER SYSTEM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1019P Datasheet(HTML) 3 Page - AUK corp

  SL1019P Datasheet HTML 1Page - AUK corp SL1019P Datasheet HTML 2Page - AUK corp SL1019P Datasheet HTML 3Page - AUK corp SL1019P Datasheet HTML 4Page - AUK corp SL1019P Datasheet HTML 5Page - AUK corp SL1019P Datasheet HTML 6Page - AUK corp SL1019P Datasheet HTML 7Page - AUK corp SL1019P Datasheet HTML 8Page - AUK corp SL1019P Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KSI-W020-000
3
Test Circuit
Electrical Characteristics
(Unless otherwise specified, Ta=25℃, V
CC=8V, fr =1MHz,fm =400Hz )
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Quiescent Current
I
CCQ
-
13.5
22.5
32.5
mA
Supply Current
I
CC
130dBμ input
20
30
41
mA
V
OD1
16dBμ input 30% mod.
-29
-25
-21
dBm
Detector Output
V
OD2
74dBμ input 30% mod.
-15
-12
-9
dBm
Signal to Noise Ratio
S/N
74dBμ input 30% mod.
51
56
-
dB
THD1
74dBμ input 30% mod.
-
0.3
1
%
THD2
74dBμ input 80% mod.
-
0.3
2
%
Total Harmonic Distortion
THD3
130dBμinput 80% mod.
-
0.4
2
%
V
SM1
Quiescent
-
0
0.3
V
Signal Meter Output
V
SM2
130dBμ input
3.5
5
7.5
V
SL1019P
DBL1019
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
+
SVC
321
100K
+
+
+
+
+
V OSC
V SM
IHF
B.P.F
Value
voltmeter
VO
Distortion
meter
430pF
~20P
0.047uF
47uF
10K
3.3uF
10K
7.5K
82
BFU
450CN
V CC =8V
+
0.47uF
0.047uF
0.01uF
100uF
2.7K
(200~15kHz)
VT
100
V CC =8V
V CC =8V
AM S.S.G Ant Dummy
50
30
15pF
65pF
Vcc=8V
75
3.3mH
100uH 0.022uFx2
51
100K
0.022uF
2SC5345
22uF
2SK 315
SBC536
0.022uF
x2
100Kx2
1uF
20pF
0.0022uF
47uF
V T
V CC =8V, f r=1MHz, f m=400Hz
SL1019P


Similar Part No. - SL1019P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1019P AUK-SL1019P Datasheet
344Kb / 10P
   AM TUNER SYSTEM
More results

Similar Description - SL1019P

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL1019 DAEWOO-DBL1019 Datasheet
533Kb / 9P
   AM TUNER SYSTEM
logo
AUK corp
SL1019P AUK-SL1019P Datasheet
344Kb / 10P
   AM TUNER SYSTEM
logo
Unisonic Technologies
TA7611AP UTC-TA7611AP Datasheet
156Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
NTE Electronics
NTE1214 NTE-NTE1214 Datasheet
22Kb / 3P
   Integrated Circuit AM Tuner System
logo
List of Unclassifed Man...
TA7611AP ETC-TA7611AP Datasheet
60Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
NTE Electronics
NTE1486 NTE-NTE1486 Datasheet
78Kb / 3P
   Integrated Circuit FM/AM Tuner System
logo
Sanyo Semicon Device
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com