Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL5020 Datasheet(PDF) 8 Page - AUK corp

Part # SL5020
Description  LOW VOLTAGE COMPANDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5020 Datasheet(HTML) 8 Page - AUK corp

  SL5020_1 Datasheet HTML 1Page - AUK corp SL5020_1 Datasheet HTML 2Page - AUK corp SL5020_1 Datasheet HTML 3Page - AUK corp SL5020_1 Datasheet HTML 4Page - AUK corp SL5020_1 Datasheet HTML 5Page - AUK corp SL5020_1 Datasheet HTML 6Page - AUK corp SL5020_1 Datasheet HTML 7Page - AUK corp SL5020_1 Datasheet HTML 8Page - AUK corp SL5020_1 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
KSI-W006-002
8
Typical Performance Characteristics(continued)
SL5020/P
Vi n (d B)
-60
-40
-20
0
20
-20
-10
0
10
Vi n - Vo u t (Ex p a n d e r )
-30
Fre q u e n c y (Hz )
20
30
40
50
70
100
1K
10K
100K
P .S .R.R (Ex p an d e r )
10
60
CB=100u F
CB=47u F
C B=10u F
CB=4.7u F
Fre q u e n c y (H z )
-80
-60
-40
-20
100
1K
10K
100K
F in - V o u t (Ex p a n d e r )
20K
0
Vi n =100mVr ms
Vi n =10mV r ms
Vi n =3.16mV r ms
Vi n (d BV )
-30
-20
-10
-15
V in - T HD (Ex pa n d e r )
-40 -35
-25
-5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0


Similar Part No. - SL5020_1

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
SL5020-SOP TGS-SL5020-SOP Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
SL5020N-DIP TGS-SL5020N-DIP Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
More results

Similar Description - SL5020_1

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
   Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
   Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
   Low-Voltage/Low-Power Compander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com