Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL5020 Datasheet(PDF) 4 Page - AUK corp

Part # SL5020
Description  LOW VOLTAGE COMPANDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5020 Datasheet(HTML) 4 Page - AUK corp

  SL5020 Datasheet HTML 1Page - AUK corp SL5020 Datasheet HTML 2Page - AUK corp SL5020 Datasheet HTML 3Page - AUK corp SL5020 Datasheet HTML 4Page - AUK corp SL5020 Datasheet HTML 5Page - AUK corp SL5020 Datasheet HTML 6Page - AUK corp SL5020 Datasheet HTML 7Page - AUK corp SL5020 Datasheet HTML 8Page - AUK corp SL5020 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KSI-W006-002
4
Electrical Characteristics(continued)
(Unless Otherwise Specified, Ta=25 °C , Vcc=3V, f=1kHz)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Crosstalk(C→E)
CTc
Vinc=100mVrms. Exp Output
-
-72
-50
dB
Muting Attenuation
Attc
Vinc=100mVrms. Vpin13=GND
-
-65
-50
dB
Input Impedance
Rinc
PIN 10
-
20
-
kΩ
Expander Section
0 dB Gain
Ge0
Vine=100mVrms 0dB
-1.5
0
1.5
dB
Gain Error
(Note 1)
Ge1
Ge2
Ge3
Ge4
Vine=178mVrms 5dB
Vine=31.6mVrms -10dB
Vine=10mVrms -20dB
Vine=3.16mVrms -30dB
-1
-1
-1
-1
0
0
0
0
1
1
1
1
dB
dB
dB
dB
Distortion
THDe
Vine=100mVrms f=1kHz
-
0.4
1.5
%
Noise Output
Vnoe
Rg = 600Ω
-
0.06
5.0
mVrms
Ripple Rejection Ratio
RRe
Vcc=1kHz, 3V(DC), 100mVrms
-
-58
-38
dB
Crosstalk(E→C)
CTe
Vine=100mVrms, Com Output
-
-34
-24
dB
Muting Attenuation
Atte
Vine=316mVrms, Vpin2=GND
-
-70
-50
dB
Input Impedance
Rine
PIN4
-
4.3
-
kΩ
(Note 1) Gain Error=(VOUT - 20dB) -VIN x K
K : Compressor = 0.5
Expander = 2
SL5020/P


Similar Part No. - SL5020

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5020 AUK-SL5020 Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
SL5020-SOP TGS-SL5020-SOP Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
SL5020N-DIP TGS-SL5020N-DIP Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
More results

Similar Description - SL5020

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
   Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
   Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
   Low-Voltage/Low-Power Compander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com