Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1406R Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL1406R
Description  768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL1406R Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL1406R Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406R Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406R Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406R Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406R Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406R Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406R Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406R Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406R Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TSL1406R, TSL1406RS
768 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS042D − APRIL 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Absolute Maximum Ratings
Supply voltage range, VDD
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
−0.3 V to VDD + 0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0) or (VI > VDD)
−20 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDD)
−25 mA to 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high impedance or power-off state, VO
−0.3 V to VDD + 0.3 V
. . .
Continuous output current, IO (VO = 0 to VDD)
−25 mA to 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VDD or GND
−40 mA to 40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog output current range, IO
−25 mA to 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum light exposure at 638 nm
5 mJ/cm2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Recommended Operating Conditions (see Figure 1 and Figure 2)
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
5.5
V
Input voltage, VI
0
VDD
V
High-level input voltage, VIH
2
VDD
V
Low-level input voltage, VIL
0
0.8
V
Wavelength of light source, λ
400
1000
nm
Clock frequency, fclock
5
8000
kHz
Sensor integration time, Serial, tint (see Note 1)
0.11375
100
ms
Sensor integration time, Parallel, tint (see Note 1)
0.06575
100
ms
Setup time, serial input, tsu(SI)
20
ns
Hold time, serial input, th(SI) (see Note 2)
0
ns
Operating free-air temperature, TA
0
70
°C
NOTES: 1. Integration time is calculated as follows:
tint (min) = (768 − 18)
y clock period + 20 ms
where 768 is the number of pixels in series, 18 is the required logic setup clocks, and 20 ms is the pixel charge transfer time (tqt)
2. SI must go low before the rising edge of the next clock pulse.


Similar Part No. - TSL1406R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL1406R ETC-TSL1406R Datasheet
146Kb / 12P
   768 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1406R AMSCO-TSL1406R Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1406RS ETC-TSL1406RS Datasheet
146Kb / 12P
   768 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1406RS AMSCO-TSL1406RS Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
More results

Similar Description - TSL1406R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL1406 ETC-TSL1406 Datasheet
146Kb / 12P
   768 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
   1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1410R TAOS-TSL1410R Datasheet
205Kb / 12P
   1280 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R TAOS-TSL1402R Datasheet
226Kb / 14P
   256 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL1301 TI-TSL1301 Datasheet
127Kb / 8P
[Old version datasheet]   102 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401R ETC-TSL1401R Datasheet
117Kb / 10P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com