Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54377RHFRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54377RHFRG4
Description  1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54377RHFRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54377RHFRG4 Datasheet HTML 1Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 2Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 3Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 4Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 5Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 6Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 7Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 8Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
(1) (2)
ELECTRICAL CHARACTERISTICS
TPS54377
SLVS779 – SEPTEMBER 2007
PACKAGE
THERMAL IMPEDANCE
THERMAL IMPEDANCE
JUNCTION-TO-AMBIENT
JUNCTION-TO-CASE
24-Pin RHF with solder
19.7
°C/W
1.7
°C/W
(1)
Maximum power dissipation may be limited by overcurrent protection.
(2)
Test board conditions:
a. 3 inch x 3 inch, 4 layers, thickness: 0.062 inch
b. 2 oz. copper traces located on the top of the PCB
c. 2 oz. copper ground plane on the bottom of the PCB
d. 2 oz. copper ground planes on the 2 internal layers
e. 6 thermal vias (see the Recommended land pattern, Figure 12)
TJ = –40°C to 125°C, VI = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
VI
Input voltage range, VIN
3
6
V
fs = 350 kHz, SYNC = 0.8 V, RT open
6.2
9.6
fs = 550 kHz, SYNC ≥ 2.5 V, RT open,
Quiescent current
8.4
12.8
mA
phase pin open
Shutdown, SS/ENA = 0 V
1
1.4
UNDERVOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3
V
Stop threshold voltage, UVLO
2.7
2.8
Hysteresis voltage, UVLO
0.14
0.16
V
Rising and falling edge deglitch,
2.5
µs
UVLO(1)
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.7
2.8
2.9
V
VO
Output current, VBIAS (2)
100
µA
CUMULATIVE REFERENCE
Vref
Accuracy
0.882
0.891
0.900
V
REGULATION
Line regulation(1) (3)
IL = 1.5 A, fs = 1.1 MHz, TJ = 25°C
0.04
%/V
Load regulation(1) (3)
IL = 0 A to 3 A, fs = 1.1 MHz, TJ = 25°C
0.09
%/A
OSCILLATOR
SYNC
≤ 0.8 V, RT open
280
350
420
Internally set free-running frequency
kHz
range
SYNC
≥ 2.5 V, RT open
440
550
660
RT = 100 k
Ω (1% resistor to AGND)
460
500
540
Externally set free-running frequency
kHz
range
RT = 43 k
Ω (1% resistor to AGND)
995
1075
1155
High-level threshold voltage, SYNC
2.5
V
Low-level threshold voltage, SYNC
0.8
V
Pulse duration, SYNC(1)
50
ns
Frequency range, SYNC
330
1600
kHz
Ramp valley(1)
0.75
V
Ramp amplitude (peak-to-peak)(1)
1
V
Minimum controllable on time
150
ns
Maximum duty cycle
90%
(1)
Specified by design
(2)
Static resistive loads only
(3)
Specified by the circuit used in Figure 10.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54377


Similar Part No. - TPS54377RHFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54377 TI-TPS54377 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54377RHFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com