Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54377RHFRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54377RHFRG4
Description  1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54377RHFRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54377RHFRG4 Datasheet HTML 7Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 8Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 9Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 10Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 11Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 12Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 13Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 14Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
PERFORMANCE GRAPHS
−60
−20
−40
−50
−10
−30
0
20
10
40
30
50
60
10
100
1k
10k
100k
1M
−180
−120
−60
0
60
120
180
f − Frequency − Hz
Phase
GAIN
80
0
0.5
1
1.5
2
2.5
85
100
3
3.5
90
95
75
I − OutputCurrent
O
− A
V =3V
I
V =6V
I
V =5V
I
V =4V
I
-0.2
0
0.5
1
1.5
2
2.5
-0.1
0.3
3
0.1
0
0.2
-0.3
I − OutputCurrent
O
− A
1ms/div
V =20mV/div
(ACCoupled)
O
I =1 A/div
0.75 A to2.25 A /step
O
V =1V/div
I
V
=1V/div
O
500ms/div
V =10mV/div
(ACCoupled)
O
PH=2V/div
500ns/div
TPS54377
SLVS779 – SEPTEMBER 2007
TA = 25°C, fs = 1.1 MHz, VI = 3.3 V, VO = 1.8 V (unless otherwise specified)
EFFICIENCY
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
LOOP RESPONSE
Figure 13.
Figure 14.
Figure 15.
OUTPUT RIPPLE VOLTAGE
LOAD TRANSIENT RESPONSE
SLOW-START TIMING
Figure 16.
Figure 17.
Figure 18.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS54377


Similar Part No. - TPS54377RHFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54377 TI-TPS54377 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54377RHFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com