Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1168DBRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75C1168DBRE4
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1168DBRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75C1168DBRE4 Datasheet HTML 2Page - Texas Instruments SN75C1168DBRE4 Datasheet HTML 3Page - Texas Instruments SN75C1168DBRE4 Datasheet HTML 4Page - Texas Instruments SN75C1168DBRE4 Datasheet HTML 5Page - Texas Instruments SN75C1168DBRE4 Datasheet HTML 6Page - Texas Instruments SN75C1168DBRE4 Datasheet HTML 7Page - Texas Instruments SN75C1168DBRE4 Datasheet HTML 8Page - Texas Instruments SN75C1168DBRE4 Datasheet HTML 9Page - Texas Instruments SN75C1168DBRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SN65C1167, SN75C1167, SN65C1168, SN75C1168
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS159E − MARCH 1993 − REVISED NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshold voltage,
differential input
0.2
V
VIT−
Negative-going input threshold voltage,
differential input
−0.2‡
V
Vhys Input hysteresis (VIT+ − VIT−)
60
mV
VIK
Input clamp voltage, RE
SN75C1167
II = −18 mA
−1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = −6 mA
3.8
4.2
V
VOL
Low-level output voltage
VID = −200 mV,
IOL = 6 mA
0.1
0.3
V
IOZ
High-impedance-state output
current
SN75C1167
VO = VCC or GND
±0.5
±5
µA
II
Line input current
Other input at 0 V
VI = 10 V
1.5
mA
II
Line input current
Other input at 0 V
VI = −10 V
−2.5
mA
II
Enable input current, RE
SN75C1167
VI = VCC or GND
±1
µA
ri
Input resistance
VIC = −7 V to 7 V,
Other input at 0 V
4
17
k
VI = VCC or GND
4
6
ICC
Supply current (total package)
No load, Enabled
VIH = 2.4 V or 0.5 V,
See Note 5
5
9
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this data sheet for common-mode
input voltage and threshold voltage levels only.
NOTE 5: Refer to TIA/EIA-422-B for exact conditions.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 8)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH Propagation delay time, low- to high-level output
See Figure 5
9
17
27
ns
tPHL Propagation delay time, high- to low-level output
See Figure 5
9
17
27
ns
tTLH
Transition time, low- to high-level output
VIC = 0 V,
See Figure 5
4
9
ns
tTHL
Transition time, high- to low-level output
VIC = 0 V,
See Figure 5
4
9
ns
tPZH Output enable time to high level
13
22
ns
tPZL
Output enable time to low level
RL = 1 kW, See Figure 6
13
22
ns
tPHZ Output disable time from high level
RL = 1 kW, See Figure 6
13
22
ns
tPLZ
Output disable time from low level
13
22
ns
† All typical values are at VCC = 5 V and TA = 25°C.
NOTE 8: Measured per input while the other inputs are at VCC or GND


Similar Part No. - SN75C1168DBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1168DBRE4 TI-SN75C1168DBRE4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168DBRE4 TI1-SN75C1168DBRE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75C1168DBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com