Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA Datasheet(PDF) 4 Page - Power-One

Part # PSA
Description  Positive Switching Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSA Datasheet(HTML) 4 Page - Power-One

  PSA_1 Datasheet HTML 1Page - Power-One PSA_1 Datasheet HTML 2Page - Power-One PSA_1 Datasheet HTML 3Page - Power-One PSA_1 Datasheet HTML 4Page - Power-One PSA_1 Datasheet HTML 5Page - Power-One PSA_1 Datasheet HTML 6Page - Power-One PSA_1 Datasheet HTML 7Page - Power-One PSA_1 Datasheet HTML 8Page - Power-One PSA_1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV. SEP 17, 2003
Page 4 of 11
PSA Series Extended Datasheet
Positive Switching Regulator
s (Benign)
Electrical Output Data
General Conditions:
– TA = 25°C, unless TC is specified
– With R option, output voltage Uo = Uo nom at Io nom
Table 3a: Output data
Output
PSA 5A2
PSA 5A5
Characteristics
Conditions
min
typ
max
min
typ
max
Unit
Uo
Output voltage
Ui nom, Io nom
5.05
5.15
5.05
5.15
V
Io
Output current 1
Ui min...Ui max
0
2.0
0
5.0
A
IoL
Output current limitation
TC min...TC max
2.0
2.6
5.0
6.5
response 1
uo
Output
Switching freq.
Ui nom, Io nom
40
40
mVpp
voltage
Total
IEC/EN 61204 2
45
45
noise
BW = 20 MHz
DUo U
Static line regulation
Ui min...Ui max, Io nom
100
100
mV
DUo l
Static load regulation
Ui nom, Io = 0...Io nom
100
100
uo d
Dynamic
Voltage deviat.
Ui nom
300
300
t d
load
Recovery time
Io nom 1/3 Io nom
100
100
µs
regulation
IEC/EN 61204 2
aUo
Temperature coefficient
Ui min...Ui max
±1
±1
mV/K
∆U
o/∆TC (TC min...TC max)
Io = 0...Io nom
±0.02
±0.02
%/K
Table 3b: Output data
Output
PSA 123
PSA 153
PSA 242.5
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
Unit
Uo
Output voltage
Ui nom, Io nom
11.60
12.40
14.50
15.50
23.30
24.70
V
Io
Output current 1
Ui min...Ui max
0
3.0
0
3.0
0
2.5
A
IoL
Output current limitation
TC min...TC max
3.0
3.9
3.0
3.9
2.5
3.25
response 1
uo
Output
Switching freq.
Ui nom, Io nom
150
200
300
mVpp
voltage
Total
IEC/EN 61204 2
160
210
310
noise
BW = 20 MHz
DUo U
Static line regulation
Ui min...Ui max, Io nom
240
300
480
mV
DUo l
Static load regulation
Ui nom, Io = 0...Io nom
180
200
300
uo d
Dynamic
Voltage deviat.
Ui nom
360
450
720
t d
load
Recovery time
Io nom 1/3 Io nom
120
120
160
µs
regulation
IEC/EN 61204 2
aUo
Temperature coefficient
Ui min...Ui max
±2
±3
±5
mV/K
∆U
o/∆TC (TC min...TC max)
Io = 0...Io nom
±0.02
±0.02
±0.02
%/K
1 See also: Thermal Considerations.
2 See: Technical Information: Measuring and Testing.


Similar Part No. - PSA_1

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA-110-401 PHIHONG-PSA-110-401 Datasheet
146Kb / 2P
   110W Universal Industrial Series
logo
CUI INC
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100-12-B3 CUI-PSA-1100-12-B3 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100-12-B3 CUI-PSA-1100-12-B3 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100-12-B4 CUI-PSA-1100-12-B4 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSA_1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PSC126-7LIRPCDG BEL-PSC126-7LIRPCDG Datasheet
2Mb / 19P
   Positive Switching Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com