Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41-0002 Datasheet(PDF) 2 Page - Coto Technology

Part # B41-0002
Description  4-Channel RF Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

B41-0002 Datasheet(HTML) 2 Page - Coto Technology

  B41-0002 Datasheet HTML 1Page - Coto Technology B41-0002 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
B41 4-Channel RF Relays
NOTES:
1All parameters specified per EIA/NARM
standards for dry reed relays, # RS-421 and
RS-436, if a suitable parametric standard exists.
2Unless otherwise noted, all parameters are
specified at 25°C and 40% RH.
3Life expectancies based on characteristic life
(63.2% failure) calculated from the 2-parameter
Weibull distribution. Contact resistance >2.0
defines end of life.
4Frequency at which the difference between output
and input signal amplitude exceeds -3dB.
5Maximum increase in operate voltage for any
channel when all channel coils are driven at
nominal coil voltage and with the same drive
polarity.
ENVIRONMENTAL RATINGS:
Storage Temperature: -35°C to +100°C.
Operating Temperature: -20°C to +85°C.
Vibration: sinusoidal vibration with an amplitude of
10G over a 10Hz to 2000Hz frequency range shall
neither cause a closed channel activated at the nomi-
nal coil voltage to open, nor an open channel to close.
Max Soldering Temperature: 438°F(226°C) for 1
minute dwell time. Temperature measured at a relay
ball termination.
Moisture sensitive component. Handle as
J-STD-020B level 5a.


Similar Part No. - B41-0002

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B41 COTO-B41 Datasheet
353Kb / 2P
   B41 4-Channel RF Relays
logo
E-SWITCH
B410000 E-SWITCH-B410000 Datasheet
47Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410002 E-SWITCH-B410002 Datasheet
109Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
EPCOS
B41002 EPCOS-B41002 Datasheet
374Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B41-0002

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B40 COTO-B40 Datasheet
96Kb / 2P
   4-Channel RF Relays
logo
RHOPOINT COMPONENTS
B40 RHOPOINT-B40 Datasheet
130Kb / 2P
   4-Channel RF Relays
logo
Coto Technology
B41 COTO-B41 Datasheet
353Kb / 2P
   B41 4-Channel RF Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
Tyco Electronics
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Tyco Electronics
HF3 MACOM-HF3 Datasheet
1Mb / 12P
   Signal and RF Relays
logo
Teledyne Technologies I...
RF180-5 TELEDYNE-RF180-5 Datasheet
235Kb / 6P
   MAGNETIC-LATCHING, BROADBAND RF RELAYS DPDT
logo
Clare, Inc.
CPC1150N CLARE-CPC1150N Datasheet
120Kb / 6P
   4 Pin SOP OptoMOS Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com