Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV20R130E Datasheet(PDF) 9 Page - Littelfuse

Part # TMOV20R130E
Description  Varistor Products - Thermally Protected
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV20R130E Datasheet(HTML) 9 Page - Littelfuse

  TMOV20R130E Datasheet HTML 1Page - Littelfuse TMOV20R130E Datasheet HTML 2Page - Littelfuse TMOV20R130E Datasheet HTML 3Page - Littelfuse TMOV20R130E Datasheet HTML 4Page - Littelfuse TMOV20R130E Datasheet HTML 5Page - Littelfuse TMOV20R130E Datasheet HTML 6Page - Littelfuse TMOV20R130E Datasheet HTML 7Page - Littelfuse TMOV20R130E Datasheet HTML 8Page - Littelfuse TMOV20R130E Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
35
www .littelfuse .com
Varistor Products
2
Thermally Protected
TMOV® and iTMOV® Varistor Series
SEATING
PLANE
∅b
P2
∆P
P
W2
t
W0
W1
∆H
∆H
∆P
∅D0
P
P0
H1
H0
B1
TMOV varistor with outer crimp
• Reel capacity varies with voltage.
• Leads are crimped and in-line. This excludes the varistor lead on i TMOV
devices which are not crimped and not in-line.
• To order tape and reel option please add suffix L2T7 to end of standard
part number.
• Tape and Reel option is available for rated voltages up to 420volts. Contact
factory regarding availability of higher voltages.
Contact Littelfuse for additional details.
Pack Quantities
NOTE: Tape and Reel available up to 420V only - please contact factory regarding availability
of higher voltage parts.
iTMOV varistor with inner crimp
Tape and Reel Specifications - Additional Option L2T7


Similar Part No. - TMOV20R130E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV20R130E LITTELFUSE-TMOV20R130E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV20R130E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com