Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV14R150E Datasheet(PDF) 7 Page - Littelfuse

Part # TMOV14R150E
Description  Varistor Products - Thermally Protected
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV14R150E Datasheet(HTML) 7 Page - Littelfuse

  TMOV14R150E Datasheet HTML 1Page - Littelfuse TMOV14R150E Datasheet HTML 2Page - Littelfuse TMOV14R150E Datasheet HTML 3Page - Littelfuse TMOV14R150E Datasheet HTML 4Page - Littelfuse TMOV14R150E Datasheet HTML 5Page - Littelfuse TMOV14R150E Datasheet HTML 6Page - Littelfuse TMOV14R150E Datasheet HTML 7Page - Littelfuse TMOV14R150E Datasheet HTML 8Page - Littelfuse TMOV14R150E Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
33
www .littelfuse .com
2
Varistor Products
Thermally Protected
TMOV® and iTMOV® Varistor Series
Soldering Recommendations
Because the TMOVTM and i TMOV varistors contain a thermal protection
device, care must be taken when soldering the devices into place. Two
soldering methods are possible. Firstly, hand soldering: It is recommend-
ed to heat-sink the leads of the device. Secondly, wave-soldering: It is
critically important that all preheat stage and the solder bath tempera-
tures are rigidly controlled. The recommended solder for the TMOV and
i TMOV varistors is a 62/36/2 (Sn/Pb/Ag), 60/40 (Sn/Pb) or 63/37(Sn/Pb).
Littelfuse also recommends an RMA solder flux.
Ordering Information
TMOV
20
R
E
150
DEVICE FAMILY
Littelfuse Thermally Protected MOV
DISC DIAMETER (mm)
14 or 20mm
CERAMIC SHAPE
R: Round
Series Designator
E: 2- Leaded TMOV Varistor Series
Supplied in Bulk Pack with 7.5mm
lead spacing.
M: 3-Leaded
iTMOV Varistor Series
Supplied in Bulk Pack with 7.5mm
lead spacing (between leads 1 & 2)
(Available in 20mm only)
VM(AC)RMS
115V to 420V
Standard Parts
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (MINUTES)
M A X IMUM WAVE 240ºC
PREHEAT
Figure 10: Wave Solder Profile
NOTE: By ordering the standard part number, i.e. TMOV20R150E, standard
lead styles, packing and lead spacing will be supplied. These specifications are
as follows:
• Straight Leads
• Bulk Packed
• 7.5mm Lead Spacing
• Leads not in-line except parts > 420 V. See table on page 34.
Tape and Reel
• Add suffix L2T7 to the end of standard part number (ex. TMOV20R150EL2T7)
• Tape and Reeled parts have in-line, crimped leads. This excludes the varistor
lead on i TMOV devices which are not crimped and not in-line. See drawings on
page 35.
Alternative Leadstyles:
• Contact factory for details
Additional Options


Similar Part No. - TMOV14R150E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R150E LITTELFUSE-TMOV14R150E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV14R150E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com