Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM300CVA060 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM300CVA060
Description  USING INTELLIGENT POWER MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300CVA060 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM300CVA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE
INSULATED PACKAGE
1
2
3
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
00
525
10
15
20
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
0
0
0
1
2
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
IC = 10A
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
3
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
01
23
5
10
15
20
Tj = 25
oC
VCIN = 0V
VD = 17V
15
13
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
100
101
tc(off)
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
100
101
102
100
COLLECTOR REVERSE CURRENT, –IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
101
102
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
00
1.0
2.5
100
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
DIODE FORWARD CHARACTERISTICS
101
102
0.5
1.5
2.0
Tj = 25
oC
Tj = 125
oC
VD = 15V
70
80
90
100
110
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
Tj = 25
oC
80
0
0
90
120
OVER CURRENT TRIP LEVEL
TEMPERATURE DEPENDENCY (TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
0
50
100
150
-50
VD = 15V
110
100


Similar Part No. - PM300CVA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300CVA060 MITSUBISHI-PM300CVA060 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM300CVA060 POWEREX-PM300CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
logo
Mitsubishi Electric Sem...
PM300CVA060 MITSUBISHI-PM300CVA060 Datasheet
81Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM300CVA060 MITSUBISHI-PM300CVA060 Datasheet
84Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM300CVA060 MITSUBISHI-PM300CVA060_05 Datasheet
81Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300CVA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com