Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3222ECAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3222ECAP
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3222ECAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3222ECAP Datasheet HTML 1Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 2Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 3Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 4Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 5Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 6Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 7Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 8Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E +3.0V-powered EIA/TIA-232 and V.28/V.24
communications interface devices feature low power con-
sumption, high data-rate capabilities, and enhanced
electrostatic-discharge (ESD) protection. The enhanced
ESD structure protects all transmitter outputs and
receiver inputs to ±15kV using IEC 1000-4-2 Air-Gap
Discharge, ±8kV using IEC 1000-4-2 Contact Discharge
(±9kV for MAX3246E), and ±15kV using the Human Body
Model. The logic and receiver I/O pins of the MAX3237E
are protected to the above standards, while the transmit-
ter output pins are protected to ±15kV using the Human
Body Model.
A proprietary low-dropout transmitter output stage delivers
true RS-232 performance from a +3.0V to +5.5V power
supply, using an internal dual charge pump. The charge
pump requires only four small 0.1µF capacitors for opera-
tion from a +3.3V supply. Each device guarantees opera-
tion at data rates of 250kbps while maintaining RS-232
output levels. The MAX3237E guarantees operation at
250kbps in the normal operating mode and 1Mbps in the
MegaBaud™ operating mode, while maintaining RS-232-
compliant output levels.
The MAX3222E/MAX3232E have two receivers and two
transmitters. The MAX3222E features a 1µA shutdown
mode that reduces power consumption in battery-pow-
ered portable systems. The MAX3222E receivers remain
active in shutdown mode, allowing monitoring of external
devices while consuming only 1µA of supply current. The
MAX3222E and MAX3232E are pin, package, and func-
tionally compatible with the industry-standard MAX242
and MAX232, respectively.
The MAX3241E/MAX3246E are complete serial ports
(three drivers/five receivers) designed for notebook and
subnotebook computers. The MAX3237E (five drivers/
three receivers) is ideal for peripheral applications that
require fast data transfer. These devices feature a shut-
down mode in which all receivers remain active, while
consuming only 1µA (MAX3241E/MAX3246E) or 10nA
(MAX3237E).
The MAX3222E, MAX3232E, and MAX3241E are avail-
able in space-saving SO, SSOP, and TSSOP packages.
The MAX3237E is offered in an SSOP package. The
MAX3246E is offered in the ultra-small 6 x 6 UCSP™
package.
________________________Applications
Battery-Powered Equipment
Printers
Cell Phones
Smart Phones
Cell-Phone Data Cables
xDSL Modems
Notebook, Subnotebook,
and Palmtop Computers
Features
o ESD Protection for RS-232 I/O Pins
(MAX3222E/MAX3232E/MAX3241E/MAX3246E)
±15kV—Human Body Model
±8kV—IEC 1000-4-2, Contact Discharge
±9kV (MAX3246E Only)—IEC 1000-4-2, Contact
Discharge
±15kV—IEC 1000-4-2, Air-Gap Discharge
o ESD Protection for all Logic and Receiver I/O Pins
(MAX3237E)
±15kV—Human Body Model
±8kV—IEC 1000-4-2, Contact Discharge
±15kV–IEC 1000-4-2, Air-Gap Discharge
o ESD Protection for Transmitter Output Pins
(MAX3237E)
±15kV—Human Body Model
o Guaranteed Data Rate
250kbps (MAX3222E/MAX3232E/MAX3241E/
MAX3246E/MAX3237E, Normal Operation)
1Mbps (MAX3237E, MegaBaud Operation)
o Latchup Free
o Low-Power Shutdown with Receivers Active
1µA (MAX3222E/MAX3241E/MAX3246E)
10nA (MAX3237E)
o Flow-Through Pinout (MAX3237E)
o Guaranteed Mouse Drivability (MAX3241E)
o Meets EIA/TIA-232 Specifications Down to +3.0V
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
________________________________________________________________ Maxim Integrated Products
1
19-1298; Rev 7; 2/03
_______________Ordering Information
Ordering Information continued at end of data sheet.
Pin Configurations appear at end of data sheet.
Selector Guide appears at end of data sheet.
Typical Operating Circuits appear at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3222ECUP
0°C to +70°C
20 TSSOP
MAX3222ECAP
0°C to +70°C
20 SSOP
MegaBaud is a trademark of Maxim Integrated Products, Inc.
UCSP is a trademark of Maxim Integrated Products, Inc.
Covered by U.S. Patent numbers 4,636,930; 4,679,134;
4,777,577; 4,797,899; 4,809,152; 4,897,774; 4,999,761; and
other patents pending.


Similar Part No. - MAX3222ECAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222ECAP MAXIM-MAX3222ECAP Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
MAX3222ECAP++ MAXIM-MAX3222ECAP+ Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222ECAP++ MAXIM-MAX3222ECAP+ Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222ECAP++ MAXIM-MAX3222ECAP+ Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
More results

Similar Description - MAX3222ECAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E_06 Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
MAX3232ECAE-T MAXIM-MAX3232ECAE-T Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com