Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HCT393F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT393F
Description  High-Speed CMOS Logic Dual 4-Stage Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT393F Datasheet(HTML) 2 Page - Texas Instruments

  CD54HCT393F Datasheet HTML 1Page - Texas Instruments CD54HCT393F Datasheet HTML 2Page - Texas Instruments CD54HCT393F Datasheet HTML 3Page - Texas Instruments CD54HCT393F Datasheet HTML 4Page - Texas Instruments CD54HCT393F Datasheet HTML 5Page - Texas Instruments CD54HCT393F Datasheet HTML 6Page - Texas Instruments CD54HCT393F Datasheet HTML 7Page - Texas Instruments CD54HCT393F Datasheet HTML 8Page - Texas Instruments CD54HCT393F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Functional Diagram
GND = 7
VCC = 14
1Q2
5
6
1Q3
1Q1
4
1Q0
3
2Q2
9
8
2Q3
2Q1
10
2Q0
11
BINARY
BINARY
13
1
1CP
2CP
COUNTER
COUNTER
1MR
2
12
2MR
TRUTH TABLE
CP COUNT
OUTPUTS
Q0
Q1
Q2
Q3
0LLLL
1
H
LLL
2L
H
L
L
3H
HL
L
4LL
H
L
5HLHL
6L
H
H
L
7
HHH
L
8LLL
H
9HL
L
H
10
LHLH
11
H
H
L
H
12
L
L
H
H
13
H
L
H
H
14
L
HHH
15
HHHH
CP COUNT
MR
OUTPUT
L
No Change
L
Count
X
H
L L L L
H = High Voltage Level, L = Low Voltage Level, X = Don’t Care,
↑ = Transition from Low to High Level, ↓ = Transition from High to Low.
CD54HC393, CD74HC393, CD54HCT393, CD74HCT393


Similar Part No. - CD54HCT393F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT393F TI-CD54HCT393F Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD54HCT393F3A TI-CD54HCT393F3A Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD54HCT393F3A TI-CD54HCT393F3A Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
More results

Similar Description - CD54HCT393F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC393 TI-CD54HC393_08 Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual 4 -Stage Binary Counter
CD54HCT393 TI-CD54HCT393 Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
logo
Harris Corporation
74393 HARRIS-74393 Datasheet
31Kb / 7P
   High Speed CMOS Logic Dual 4 -Stage Binary Counter
logo
Texas Instruments
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com