Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3AM-115KPASR Datasheet(PDF) 1 Page - Fujikura Ltd.

Part # X3AM-115KPASR
Description  Pre-amplified/3V Excitation/Absolute
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

X3AM-115KPASR Datasheet(HTML) 1 Page - Fujikura Ltd.

  X3AM-115KPASR Datasheet HTML 1Page - Fujikura Ltd. X3AM-115KPASR Datasheet HTML 2Page - Fujikura Ltd. X3AM-115KPASR Datasheet HTML 3Page - Fujikura Ltd. X3AM-115KPASR Datasheet HTML 4Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
. 3V excitation, Battery operation available
. Volt level output
. On-chip amplification and temperature compensations
. Pre-calibration of offset voltage and span
Applications
. Industrial instrumentation
. Medical device
. Barometer, Altimeter
. Altitude compensation
Part number for ordering
X3AM - 115KP A S R
Pressure type
Absolute pressure
Model
X3PM
X3AM
Package configuration
Dual-In-line-Package (DIP)
Surface mount package
Measurable pressure range (kPa)
Part number for ordering
15
115
X3PM-115KPA
X3PM-115KPAR
X3AM-115KPASR
Model/Rated pressure
115KPA
Unit
Recommended operating conditions
Pressure type
Absolute pressure
Rated pressure
115
kPa.abs
Measurable pressure range
15
115
kPa.abs
Pressure media
Non-corrosive gas only
Excitation voltage
3.0
0.15
VDC
Absolute maximum rating
Maximum load pressure
Twice of rated pressure
Maximum excitation voltage
6VDC
Operating temperature
10
80
Storage temperature
20
100
Operating humidity
30
80 (No dew condensation)
RH
Electric performances/characteristics (Excitation voltage Vcc=3.0V constant, Ambient temperature Ta=25
)
Current consumption
less than 6
mA
Output impedance
less than 10
Source current
less than 0.1
mA
Sink current
less than 1
mA
Mechanical response time
2 (For the reference)
msec
Full scale span voltage
1.5
V
Offset voltage
0.5
0.075
V
Full scale span voltage
2.0
0.075
V
Accuracy
5.0
FS/0
50
Note ;
Excluding input voltage error.
Pre-amplified/3V Excitation/Absolute
X3PM,X3AM Data sheet
Terminal leads direction (See Outline Diagram)
No mark :
R:
Rated pressure (Pa)
Model
X3PM
X3AM
Terminal leads configuration
No mark : DIP(X3PM)
S : Surface mount package (X3AM)
Pressure type
A:Absolute
Specifications
1


Similar Description - X3AM-115KPASR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
XFPMC-105KPAR FUJIKURA-XFPMC-105KPAR Datasheet
156Kb / 3P
   Pre-amplified/5V Excitation/Absolute
XFAM-115KPASRH FUJIKURA-XFAM-115KPASRH Datasheet
224Kb / 4P
   Pre-amplified/5V Excitation/Absolute
XFAM-115KPASR FUJIKURA-XFAM-115KPASR Datasheet
313Kb / 4P
   Pre-amplified/5V Excitation/Absolute
XFPM-115KPAR FUJIKURA-XFPM-115KPAR Datasheet
436Kb / 4P
   Pre-amplified/5V Excitation/Absolute
X3DM-050KPDSR FUJIKURA-X3DM-050KPDSR Datasheet
94Kb / 2P
   Pre-amplified/3V Excitation/Differential
X3PMC-050KPGR FUJIKURA-X3PMC-050KPGR Datasheet
152Kb / 4P
   Pre-amplified/3V Excitation/Gauge
X3GMC-3050KPGSR FUJIKURA-X3GMC-3050KPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
XFDM-025KPDSR FUJIKURA-XFDM-025KPDSR Datasheet
308Kb / 5P
   Pre-amplified/5V Excitation/Differential
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR_11 Datasheet
277Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
   Pre-amplified/5V Excitation/Gauge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com