Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A50QS250-4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A50QS250-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A50QS250-4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A50QS250-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A50QS250-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers A50QS250-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers A50QS250-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
D 15
Operating Voltage (AC RMS Volts)
Clearing I
2t vs. AC Operating Voltage
I2t DATA
FUSE
MAX. CLEARING I2t @ 500VAC
AMPERE MELTING I
2t 1 FUSE (Fig A) 2 FUSES IN SERIES
RATING
(A
2s x 103)(A2s x 103)(A2s x 103)(Fig B)
35
.09
.56
.34
40
.11
.69
.4
50
.18
1.1
.68
60
.25
1.6
.94
70
.31
1.9
1.1
80
.43
2.6
1.5
90
.57
3.6
2.1
100
.74
4.4
2.7
125
.94
5.6
3.4
150
1.5
9
5.4
175
2.5
15
9
200
3.3
20
12
225
4.1
25
15
250
4.9
29
18
300
9.2
55
33
350
15
88
53
400
16
98
59
450
21
130
76
500
26
160
94
600
37
220
130
700
53
270
160
800
72
360
220
900
98
500
300
1000
112
560
330
1200
200
930
550
Load
500 VAC
Fault
Fig. A
Load
500 VAC
Fault
Fig. B
AMPERE
CLEARING I2t
AMPERE
CLEARING I2t
RATING
(A2s x 103)
RATING
(A2s x 103)
35
.48
250
25
40
.58
300
47
50
1.0
350
75
60
1.3
400
83
70
1.6
450
110
80
2.2
500
130
90
3.0
600
190
100
3.8
700
220
125
4.8
800
260
150
7.7
900
350
175
13
1000
430
200
17
1200
660
225
21
Clearing I
2t at 500V DC, 100kA, L/R = 10 ms
DC Application: A50QS Fuses have been designed for both AC
and DC operation. A50QS fuses (70-600) have UL Component
Recognition at 500V DC and have been tested to circuit parameters
as defined in Standard 198L.
L/R Time Constant (ms)
DC Voltage Capability vs. Time Constant
AMP-TRAP®–Form 101
A50QS
SEMICONDUCTOR PROTECTION FUSES
I
2t Data – 500 Volts AC


Similar Part No. - A50QS250-4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A50QH1470AA00K KEMET-A50QH1470AA00K Datasheet
59Kb / 1P
   A50, Film, Metallized Polyester, Automotive Grade, 4700 pF, 10%, 250 VAC, 1000 VDC, 85C
More results

Similar Description - A50QS250-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com