Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A50QS1000-4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A50QS1000-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A50QS1000-4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A50QS1000-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A50QS1000-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers A50QS1000-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers A50QS1000-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D
D 13
AMPERE
CATALOG
AMPERE
CATALOG
RATING
NUMBER
RATING
NUMBER
35
A50QS35-4
250
A50QS250-4
40
A50QS40-4
300
A50QS300-4
50
A50QS50-4
350
A50QS350-4
60
A50QS60-4
400
A50QS400-4
70
A50QS70-4
450
A50QS450-4
80
A50QS80-4
500
A50QS500-4
90
A50QS90-4
600
A50QS600-4
100
A50QS100-4
700
A50QS700-4
125
A50QS125-4
800
A50QS800-4
150
A50QS150-4
900
A50QS900-4
175
A50QS175-4
1000
A50QS1000-4
200
A50QS200-4
1200
A50QS1200-4
225
A50QS225-4
Standard Fuse Ampere Ratings, Catalog Numbers
For ampere ratings and styles not listed, call Technical Services.
Dimensions
CATALOG
MOUNTING
DIMENSIONS - INCHES (mm)
NUMBER
TYPE
A
B
C
D
E
F
G
H
A50QS35 to 100
4
3.63
1.00
2.13
2.94
2.75
0.31
0.75
0.13
(92.2)
(25.4)
(54.1)
(74.7)
(69.9)
(7.9)
(19.1)
(3.3)
A50QS125 to 200
4
3.63
1.22
2.13
2.94
2.81
0.31
1.00
0.19
(92.2)
(31.0)
(54.1)
(74.7)
(71.4)
(7.9)
(25.4)
(4.8)
A50QS225 to 400
4
4.34
1.50
2.09
3.41
2.78
0.41
1.00
0.25
(110)
(38.1)
(53.1)
(86.6)
(70.6)
(10.4)
(25.4)
(6.4)
A50QS450 to 600
4
4.47
2.00
2.22
3.53
2.91
0.41
1.50
0.25
(114)
(50.8)
(56.4)
(89.7)
(73.9)
(10.4)
(38.1)
(6.4)
A50QS700 to 800
4
6.47
2.50
2.22
5.00
3.44
.53
1.50
.25
(164.3)
(63.5)
(56.4)
(127.0)
(87.3)
(13.5)
(38.1)
(6.4)
A50QS900 to 1200
4
6.97
3.00
3.22
5.47
4.47
.63
2.38
.44
(177.0)
(76.2)
(81.8)
(138.9)
(113.5)
(15.9)
(60.3)
(11.1)
Percent Rated Current
Watts Loss vs. Percent Rated Current
AMPERE
WATTS
RATING
LOSS(w)
35
6
40
7
50
8
60
10
70
12
80
14
90
15
100
17
125
21
150
25
175
29
200
33
225
37
AMPERE
WATTS
RATING
LOSS(w)
250
41
300
49
350
57
400
65
450
69
500
77
600
92
700
110
800
130
900
140
1000
160
1200
175
Watts Loss at Rated Current
Correction factor example: At 80% rated current, watts
loss equals .54 times watts loss at rated current.
AMP-TRAP®–Form 101
A50QS
SEMICONDUCTOR PROTECTION FUSES


Similar Part No. - A50QS1000-4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A50QH1470AA00K KEMET-A50QH1470AA00K Datasheet
59Kb / 1P
   A50, Film, Metallized Polyester, Automotive Grade, 4700 pF, 10%, 250 VAC, 1000 VDC, 85C
More results

Similar Description - A50QS1000-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com