Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A50P325-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A50P325-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A50P325-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A50P325-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A50P325-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D 16
AMP-TRAP®–Form 101
A50P
SEMICONDUCTOR PROTECTION FUSES
Features / Benefits
® Low l2t minimizes damage to protected components on
short circuit
® Controlled arc voltage reduces stress to circuit
components during fuse clearing
® Choice of mounting types helps in equipment design
A50P Amp-trap® Form 101 Semiconductor
Protection fuses were developed for DC drives,
uninterruptable power supplies and similar applica-
tions requiring better protection (lower l2t) and
superior reliability. The A50P is typically used for
replacement.
HIGHLIGHTS:
®
Very Fast Acting
®
Current Limiting
®
Low l
2t
®
Indicator Options
Available
APPLICATIONS:
®
Protection of DC
drives, UPS and other
equipment of 500
volts or less
A 50 P 100 - 4 TI
Amp-trap
® Fuse
Rated Volts - 500
Style
Amperes*
Mounting Types*
Ferrule
Blades, bolt-in
Integral Blown-Fuse
Indicator
Trigger Indicator
Trigger Actuator
* For ampere ratings and types
not listed, consult the factory.
Catalog Numbering System
A
50
P
100
1
4
TI
TA
FUSE
FUSE BLOCK
AMPERE
MOUNTING
CATALOG
RATING
TYPE
NUMBER
10-30
1
70316
35-60
4
P243G
70-200
4
P243E
225-600
4
P266C
Single Pole Fuse Blocks for A50P Fuses
®
AC: 10-1200A
500VAC, 100kA I.R.
®
DC: 35-1000A
450VDC, 79kA I.R.
L/R = 10ms
Ratings
®
UL Recognized
Component
®
AC: UL Guide No.
JFHR2 (10-800A)
®
DC: UL Guide No.
JFHR2 (35-800A)
Approvals
* Contact technical services for applications data.


Similar Part No. - A50P325-4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A50PH2100AA60K KEMET-A50PH2100AA60K Datasheet
226Kb / 1P
   A50, Film, Metallized Polyester, Automotive Grade, 0.01 uF, 10%, 220 VAC, 630 VDC, 85°C
10/20/2022
More results

Similar Description - A50P325-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com