Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CTU04STRLPBF Datasheet(PDF) 6 Page - International Rectifier

Part # 16CTU04STRLPBF
Description  Ultrafast Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16CTU04STRLPBF Datasheet(HTML) 6 Page - International Rectifier

  16CTU04STRLPBF Datasheet HTML 1Page - International Rectifier 16CTU04STRLPBF Datasheet HTML 2Page - International Rectifier 16CTU04STRLPBF Datasheet HTML 3Page - International Rectifier 16CTU04STRLPBF Datasheet HTML 4Page - International Rectifier 16CTU04STRLPBF Datasheet HTML 5Page - International Rectifier 16CTU04STRLPBF Datasheet HTML 6Page - International Rectifier 16CTU04STRLPBF Datasheet HTML 7Page - International Rectifier 16CTU04STRLPBF Datasheet HTML 8Page - International Rectifier 16CTU04STRLPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
16CTU04SPbF, 16CTU04-1PbF
Bulletin PD-21068 07/05
6
www.irf.com
Conform to JEDEC outline D2Pak (SMD-220)
Dimensions in millimeters and (inches)
Outlines Table
Modified JEDEC outline TO-262
Dimensions in millimeters and (inches)
NC
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - 16CTU04STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTU04STRLPBF VISHAY-16CTU04STRLPBF Datasheet
576Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
16CTU04STRLPBF VISHAY-16CTU04STRLPBF Datasheet
177Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 16CTU04STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com