Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A60X800-128 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A60X800-128
Description  SEMICONDUCTOR PROTECTION FUSES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A60X800-128 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A60X800-128 Datasheet HTML 1Page - List of Unclassifed Manufacturers A60X800-128 Datasheet HTML 2Page - List of Unclassifed Manufacturers A60X800-128 Datasheet HTML 3Page - List of Unclassifed Manufacturers A60X800-128 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
D 23
Watts Loss at Rated Current
I
2t Data – 600 Volts AC, 100kA
I2t DATA
FUSE
CLEARING AT 600V
AMPERE
MELTING
1 FUSE
2 FUSES IN
RATING
(FIG. A)
SERIES (FIG. B)
(A
2s)
(A
2s)
(A
2s)
1
.06
.11
.09
2
.22
.45
.36
3
.50
1.0
.80
4
.90
1.8
1.4
5
1.4
2.8
2.2
6
2.0
4.0
3.2
7
2.7
5.4
4.3
8
3.6
7.1
5.7
10
16
40
30
12
22
64
48
15
35
100
70
20
60
170
130
25
95
275
210
30
140
400
290
35
270
1,800
1,200
40
350
2,400
1,600
45
450
3,000
2,000
50
550
3,600
2,400
60
800
5,400
3,600
70
4,000
13,000
9,800
80
5,300
17,000
13,000
90
6,700
22,000
16,000
100
8,300
27,000
20,000
125
13,000
42,000
31,000
150
19,000
60,000
45,000
175
25,000
80,000
61,000
200
33,000
110,000
80,000
225
42,000
140,000
100,000
250
52,000
170,000
125,000
300
75,000
240,000
180,000
350
100,000
340,000
240,000
400
130,000
490,000
320,000
450
170,000
620,000
400,000
500
210,000
770,000
500,000
600
300,000
1,100,000
720,000
700
430,000
1,700,000
1,000,000
800
560,000
2,250,000
1,400,000
1,000
875,000
3,500,000
2,200,000
1,200
1,250,000
5,000,000
3,100,000
1,500
2,000,000
7,900,000
4,900,000
1,600
2,200,000
9,000,000
5,600,000
1,800
2,800,000
11,000,000
7,100,000
2,000
3,500,000
14,000,000
8,900,000
Load
600 VAC
Fault
Fig. A
Load
600 VAC
Fault
Fig. B
Percent Rated Current
Watts Loss vs. % Rated Current (Types 1 & 4)
Percent Rated Current
Watts Loss vs. % Rated Current (Type 128)
*Type 4 **Type 128
AMP-TRAP®–Form 101
A60X
SEMICONDUCTOR PROTECTION FUSES
AMPERE
WATTS
AMPERE
WATTS
AMPERE
WATTS
RATING
LOSS (w)
RATING
LOSS (w)
RATING
LOSS (w)
10
3.8
100
11
700*
57
15
4.5
125
12
700**
52
20
4.0
150
14
800*
67
25
7.3
175
16
800**
59
30
8.7
200
19
1000
72
35
5.2
225
21
1200
86
40
6.3
300
29
1500
107
50
7.4
350
35
1600
117
60
9.1
400
37
1800
133
70
7.6
450
42
2000
148
80
8.9
500
47
2500
183
90
9.7
600
56


Similar Part No. - A60X800-128

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
A60 XPPOWER-A60 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
   STANDARD RJ45 MAGNETIC JACKS
logo
EPCOS
A60-A230X EPCOS-A60-A230X Datasheet
15Kb / 2P
   2-Electrode-Arrester
A60-A230XF EPCOS-A60-A230XF Datasheet
81Kb / 2P
   2-Electrode-Arrester
logo
Sanken electric
A6000 SANKEN-A6000 Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
More results

Similar Description - A60X800-128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com