Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-A46X-XXXXX Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-A46X-XXXXX
Description  SMT LED Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-A46X-XXXXX Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMX-A46X-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved.
AV02-0529EN - June 26, 2007
Packaging Option (X8 X9)
Option
Test Current
Package Type Reel Size
M1
50mA
Top Mount
7
VF Bin Limits
Bin ID
Min.
Max.
VA
1.9
2.2
VB
2.2
2.5
VC
2.5
2.8
VD
2.8
3.1
VE
3.1
3.4
Tolerance of each bin limit = ±0.1V


Similar Part No. - HSMX-A46X-XXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMX-A43X-XXXXX BOARDCOM-HSMX-A43X-XXXXX Datasheet
889Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
More results

Similar Description - HSMX-A46X-XXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com