Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMC-A460-U30M1 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-A460-U30M1
Description  SMT LED Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-A460-U30M1 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMC-A460-U30M1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMC-A460-U30M1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMC-A460-U30M1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-A460-U30M1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-A460-U30M1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-A460-U30M1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-A460-U30M1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-A460-U30M1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-A460-U30M1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Figure 6a. Maximum Forward Current Vs. Ambient Temperature.
Derated Based on TJMAX = 110°C, RqJ-A= 300°C/W, 350°C/W and 470°C/W.
Figure 6b. Maximum Forward Current Vs. Solder Point Temperature.
Derated Based on TJMAX = 110°C, RqJ-P = 110°C/W.
Figure 7. Dominant Wavelength Vs. Forward Current.
Figure 8. Forward Voltage Shift Vs. Temperature.
Figure 9. Radiation Pattern
0
20
40
60
80
0
20
40
60
80
100
120
AMBIENT TEMPERATURE - °C
JA= 350°C/W
JA= 470°C/W
JA= 300°C/W
585
590
595
600
605
610
615
620
625
630
0
10
20
30
40
50
60
70
80
FORWARD CURRENT - mA
AlInGaP Red
AlInGaP Orange
AlInGaP Amber
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
-50
-25
0
25
50
75
100
JUNCTION TEMPERATURE - °C
0
20
40
60
80
0
20
40
60
80
100
120
SOLDER POINT TEMPERATURE (°C)


Similar Part No. - HSMC-A460-U30M1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A400-S30M1 AVAGO-HSMC-A400-S30M1 Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
HSMC-A400-S30M1 AVAGO-HSMC-A400-S30M1 Datasheet
347Kb / 11P
   SMT LED Surface Mount LED Indicator High brightness using AlInGaP and InGaN dice
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A401-T40M1 AVAGO-HSMC-A401-T40M1 Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
HSMC-A401-T80M1 AVAGO-HSMC-A401-T80M1 Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
More results

Similar Description - HSMC-A460-U30M1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com