Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABTH32316PNG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ABTH32316PNG4
Description  16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH32316PNG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ABTH32316PNG4 Datasheet HTML 1Page - Texas Instruments SN74ABTH32316PNG4 Datasheet HTML 2Page - Texas Instruments SN74ABTH32316PNG4 Datasheet HTML 3Page - Texas Instruments SN74ABTH32316PNG4 Datasheet HTML 4Page - Texas Instruments SN74ABTH32316PNG4 Datasheet HTML 5Page - Texas Instruments SN74ABTH32316PNG4 Datasheet HTML 6Page - Texas Instruments SN74ABTH32316PNG4 Datasheet HTML 7Page - Texas Instruments SN74ABTH32316PNG4 Datasheet HTML 8Page - Texas Instruments SN74ABTH32316PNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN54ABTH32316, SN74ABTH32316
16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SCBS179E – JUNE 1992 – REVISED MAY 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The SN54ABTH32316 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABTH32316 is characterized for operation from –40
°C to 85°C.
Function Tables
STORAGE†
INPUTS
OUTPUT
CLKENA
CLKA
LEA
A
OUTPUT
H
X
L
X
Q0‡
L
LL
L
L
LH
H
X
HL
X
Q0‡
X
LL
X
Q0‡
X
XH
L
L
X
X
H
H
H
† A-port register shown. B and C ports are similar
but use CLKENB, CLKENC, CLKB, CLKC, LEB,
and LEC.
‡ Output level before the indicated steady-state
input conditions were established
A-PORT OUTPUT
INPUTS
OUTPUT A
OEA
SELA
OUTPUT A
H
X
Z
L
H
Output of C register
L
L
Output of B register
B-PORT OUTPUT
INPUTS
OUTPUT B
OEB
SELB
OUTPUT B
H
X
Z
L
H
Output of A register
L
L
Output of C register
C-PORT OUTPUT
INPUTS
OUTPUT C
OEC
SELC
OUTPUT C
H
X
Z
L
H
Output of B register
L
L
Output of A register


Similar Part No. - SN74ABTH32316PNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH32316PN TI1-SN74ABTH32316PN Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

Similar Description - SN74ABTH32316PNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABT32318 TI1-SN54ABT32318 Datasheet
157Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com