Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5352DDV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352DDV
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352DDV Datasheet(HTML) 1 Page - Texas Instruments

  TAS5352DDV Datasheet HTML 1Page - Texas Instruments TAS5352DDV Datasheet HTML 2Page - Texas Instruments TAS5352DDV Datasheet HTML 3Page - Texas Instruments TAS5352DDV Datasheet HTML 4Page - Texas Instruments TAS5352DDV Datasheet HTML 5Page - Texas Instruments TAS5352DDV Datasheet HTML 6Page - Texas Instruments TAS5352DDV Datasheet HTML 7Page - Texas Instruments TAS5352DDV Datasheet HTML 8Page - Texas Instruments TAS5352DDV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TM
1
FEATURES
DESCRIPTION
APPLICATIONS
0
150
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
34
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
T =75°C
THD+Nat10%
C
8 Ω
4 Ω
6 Ω
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
4 Ω
PVDD – SupplyVoltage – V
TAS5352
SLES204 – SEPTEMBER 2007
www.ti.com
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
23
• Total Power Output (Bridge Tied Load)
2
× 125 W at 10% THD+N Into 4 Ω
The TAS5352 is a high-performance, integrated
stereo digital amplifier power stage designed to drive
2
× 100 W at 10% THD+N Into 6 Ω
a 4-
Ω bridge-tied load (BTL) at up to 125 W per
• Total Power Output (Single Ended)
channel with low harmonic distortion, low integrated
4
× 45 W at 10% THD+N Into 3 Ω
noise, and low idle current.
4
× 35 W at 10% THD+N Into 4 Ω
The TAS5352 has a complete protection system
• Total Power Output (Parallel Mode)
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
1
× 250 W at 10% THD+N Into 2 Ω
system. These protection features are short-circuit
1
× 195 W at 10% THD+N Into 3 Ω
protection, over-current protection, under voltage
• >110 dB SNR (A-Weighted With TAS5518
protection, over temperature protection, and a loss of
Modulator)
PWM signal (PWM activity detector).
• <0.1% THD+N (1 W, 1 kHz)
A power-on-reset (POR) circuit is used to eliminate
power-supply sequencing that is required for most
• Supports PWM Frame Rates of 192 kHz to 432
power-stage designs.
kHz
BTL OUTPUT POWER
• Resistor-Programmable Current Limit
vs
• Integrated Self-Protection Circuitry, Including:
SUPPLY VOLTAGE
Under Voltage Protection
Overtemperature Warning and Error
Overload Protection
Short-Circuit Protection
PWM Activity Detector
• Standalone Protection Recovery
• Power-On Reset (POR) to Eliminate System
Power-Supply Sequencing
• High-Efficiency Power Stage (>90%) With
80-m
Ω Output MOSFETs
• Thermally Enhanced 44-Pin HTSSOP Package
(DDV)
• Error Reporting, 3.3-V and 5.0-V Compliant
• EMI Compliant When Used With
Recommended System Design
• Mini/Micro Audio System
PurePath Digital™
• DVD Receiver
• Home Theater
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital, PowerPad are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5352DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5352DDV TI1-TAS5352DDV Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352DDVG4 TI1-TAS5352DDVG4 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352DDVR TI1-TAS5352DDVR Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5352DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI-TAS5352A Datasheet
849Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI1-TAS5352A_12 Datasheet
960Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com