Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP300AIDCKTG4 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TMP300AIDCKTG4
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP300AIDCKTG4 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  TMP300AIDCKTG4 Datasheet HTML 1Page - Burr-Brown (TI) TMP300AIDCKTG4 Datasheet HTML 2Page - Burr-Brown (TI) TMP300AIDCKTG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP300AIDCKTG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP300AIDCKTG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP300AIDCKTG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP300AIDCKTG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP300AIDCKTG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP300AIDCKTG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-
40 -25
0
95
85
45
25
50
75
100
125
Temperature( C)
°
75
55
65
V =18V
S
V =3.3V
S
V =1.8V
S
-
40 -25
0
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
25
50
75
100
125
Temperature( C)
°
T
+1%
ERROR
T
ERROR - 1%
T
+0.1%
ERROR
T
ERROR - 0.1%
-
40 -25
0
700
600
500
400
300
200
100
0
25
50
75
100
125
Temperature(°C)
-
40 -25
0
4.0
-
4.0
25
50
75
100
125
Temperature( C)
°
2.0
-
1.0
1.0
0
-
2.0
-
3.0
3.0
-
40 -25
0
3.0
2.0
-
3.0
25
50
75
100
125
Temperature( C)
°
1.5
-
2.0
1.0
-
2.5
2.5
0.5
0
-
0.5
-
1.0
-
1.5
-
40 -25
0
0.10
0.08
-
0.02
0
-
0.04
-
0.06
-
0.08
-
0.10
25
50
75
100
125
Temperature(°C)
0.06
0.04
0.02
T
is+85 CforV
°
MAX
S =1.8Vto3.3V
3.3Vto18V
TMP300
SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007
At VS = 5V, unless otherwise noted.
QUIESCENT CURRENT OVER TEMPERATURE AND
SUPPLY
RSET SHIFT DUE TO RSET TOLERANCE
Figure 1.
Figure 2.
RSET vs TEMPERATURE
TYPICAL TRIP ERROR
Figure 3.
Figure 4.
TYPICAL ANALOG OUTPUT ERROR
ANALOG PSR OVER TEMPERATURE
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TMP300


Similar Part No. - TMP300AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300AIDCKTG4 TI-TMP300AIDCKTG4 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKTG4 TI1-TMP300AIDCKTG4 Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKTG4 TI1-TMP300AIDCKTG4 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results

Similar Description - TMP300AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com