Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETS12PBF Datasheet(PDF) 1 Page - International Rectifier

Part # 10ETS12PBF
Description  INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETS12PBF Datasheet(HTML) 1 Page - International Rectifier

  10ETS12PBF Datasheet HTML 1Page - International Rectifier 10ETS12PBF Datasheet HTML 2Page - International Rectifier 10ETS12PBF Datasheet HTML 3Page - International Rectifier 10ETS12PBF Datasheet HTML 4Page - International Rectifier 10ETS12PBF Datasheet HTML 5Page - International Rectifier 10ETS12PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Major Ratings and Characteristics
Characteristics
Values
Units
I
F(AV) Sinusoidal waveform
10
A
V
RRM
1200
V
I
FSM
200
A
V
F
@10 A, T
J = 25°C
1.1
V
T
J
- 40 to 150
°C
Capacitive input filter TA= 55°C, TJ = 125°C
12.0
16.0
A
common heatsink of 1°C/ W
Output Current in Typical Applications
Applications
Single-phase Bridge
Three-phase Bridge
Units
INPUT RECTIFIER DIODE
Lead-Free ("PbF" suffix)
SAFE
IR Series
10ETS12PbF
Bulletin I2191 12/04
1
www.irf.com
TO-220AC
Package Outline
Description/ Features
The 10ETS12PbF rectifier SAFE
IR series has
been optimized for very low forward voltage drop,
with moderate leakage. The glass passivation
technology used has reliable operation up to 150°C
junction temperature.
Typical applications are in input rectification and
these products are designed to be used with
International Rectifier Switches and Output
Rectifiers which are available in identical package
outlines.
V
F < 1V @ 10A
I
FSM = 200A
V
RRM = 1200V


Similar Part No. - 10ETS12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETS12PBF VISHAY-10ETS12PBF Datasheet
186Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 22-Jul-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com