Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5046 Datasheet(PDF) 2 Page - EPCOS

Part # B5046
Description  SAW Rx Filter Trunked Radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5046 Datasheet(HTML) 2 Page - EPCOS

  B5046 Datasheet HTML 1Page - EPCOS B5046 Datasheet HTML 2Page - EPCOS B5046 Datasheet HTML 3Page - EPCOS B5046 Datasheet HTML 4Page - EPCOS B5046 Datasheet HTML 5Page - EPCOS B5046 Datasheet HTML 6Page - EPCOS B5046 Datasheet HTML 7Page - EPCOS B5046 Datasheet HTML 8Page - EPCOS B5046 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
March 13, 2007
B5046
815.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx Filter
Data Sheet
Application
s
Low-loss filter (RX) for Trunked Radio
s
Usable bandwidth 19 MHz
s
No matching required for operation at 50
s
Unbalanced to unbalanced or unbalanced to bal-
anced operation
s
Filter impedance 50
Features
s
Package size 3.0 x 3.0 x 1.1 mm3
s
Package code DCC6D
s
Approx. weight 0.037 g
s
Package for Surface Mount Technology (SMT)
s
Hermetically sealed ceramic package
s
RoHS compliant
s
Ni, gold-plated
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
2
Input
s
6
Output / Output balanced
s
4
Output ground / Output balanced
s
1, 3, 5 Input ground / Case ground


Similar Part No. - B5046

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
B504 MIC-B504 Datasheet
46Kb / 2P
   BLOCK TYPE AUTOMOTIVE PECTIFIER
B504-N MIC-B504-N Datasheet
46Kb / 2P
   BLOCK TYPE AUTOMOTIVE PECTIFIER
B504-P MIC-B504-P Datasheet
46Kb / 2P
   BLOCK TYPE AUTOMOTIVE PECTIFIER
logo
EPCOS
B5040 EPCOS-B5040 Datasheet
51Kb / 7P
   SAW Components SAW IF filter
B5045 EPCOS-B5045 Datasheet
75Kb / 7P
   GSM base station
More results

Similar Description - B5046

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3822 EPCOS-B3822_1 Datasheet
84Kb / 9P
   SAW filter Trunked Radio
B5058 EPCOS-B5058 Datasheet
91Kb / 8P
   SAW Rx Filter Business Radio
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
   SAW Rx Filter
B39941B4323P810 TDK-B39941B4323P810 Datasheet
151Kb / 10P
   SAW Rx filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com