Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54AS1034AFK Datasheet(PDF) 1 Page - Texas Instruments

Part # SNJ54AS1034AFK
Description  HEX DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54AS1034AFK Datasheet(HTML) 1 Page - Texas Instruments

  SNJ54AS1034AFK Datasheet HTML 1Page - Texas Instruments SNJ54AS1034AFK Datasheet HTML 2Page - Texas Instruments SNJ54AS1034AFK Datasheet HTML 3Page - Texas Instruments SNJ54AS1034AFK Datasheet HTML 4Page - Texas Instruments SNJ54AS1034AFK Datasheet HTML 5Page - Texas Instruments SNJ54AS1034AFK Datasheet HTML 6Page - Texas Instruments SNJ54AS1034AFK Datasheet HTML 7Page - Texas Instruments SNJ54AS1034AFK Datasheet HTML 8Page - Texas Instruments SNJ54AS1034AFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54ALS1034, SN54AS1034A, SN74ALS1034, SN74AS1034A
HEX DRIVERS
SDAS053B − APRIL 1982 − REVISED JANUARY 1995
Copyright
1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
′AS1034A Offer High Capacitive-Drive
Capability
Noninverting Drivers
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These
devices
contain
six
independent
noninverting drivers. They perform the Boolean
function Y = A.
The SN54ALS1034 and SN54AS1034A are
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
SN74ALS1034
and
SN74AS1034A
are
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each buffer)
INPUT
A
OUTPUT
Y
H
H
L
L
logic symbol
logic diagram (positive logic)
1Y
2
2Y
4
3Y
6
4Y
8
5Y
10
6Y
12
1
1A
3
2A
5
3A
9
4A
11
5A
13
6A
6A
6Y
5A
5Y
4A
4Y
3A
3Y
2A
2Y
1Y
1A
3
5
9
11
13
12
4
6
8
10
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS1034, SN54AS1034A ...J PACKAGE
SN74ALS1034, SN74AS1034A ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54ALS1034, SN54AS1034A . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SNJ54AS1034AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54AS1034AFK TI-SNJ54AS1034AFK Datasheet
120Kb / 8P
[Old version datasheet]   HEX DRIVERS
SNJ54AS1034AFK TI1-SNJ54AS1034AFK Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
More results

Similar Description - SNJ54AS1034AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS1034 TI-SN54ALS1034 Datasheet
120Kb / 8P
[Old version datasheet]   HEX DRIVERS
5962-8873101CA TI1-5962-8873101CA Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
DS16149 TI1-DS16149_11 Datasheet
381Kb / 8P
[Old version datasheet]   Hex MOS Drivers
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
logo
National Semiconductor ...
DS16149 NSC-DS16149 Datasheet
132Kb / 6P
   Hex MOS Drivers
logo
Texas Instruments
SN5406 TI1-SN5406_15 Datasheet
1,016Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com