Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-C110 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C110
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C110 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMX-C110 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMX-C110 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-C110 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-C110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMX-C110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Package Dimensions, continued
Notes:
1. Dimensions in mm.
2. Tolerance
± 0.1 mm unless otherwise noted.
Device Selection Guide
Footprint
AS AlInGaP
AS AlInGaP
AS AlInGaP
TS AlInGaP
Package
(mm)[1,2]
Amber
Orange
Red
Red
Description
1.6 x 0.8 x 0.8
HSMA-C190
HSML-C190
HSMC-C190
HSMZ-C190
Untinted, Diffused
2.0 x 1.25 x 0.8
HSMA-C170
HSML-C170
HSMC-C170
HSMZ-C170
Untinted, Diffused
3.2 x 1.0 x 1.5
HSMA-C110
HSML-C110
HSMC-C110
HSMZ-C110
Untinted, Nondiffused
1.6 x 0.8 x 0.6
HSMA-C191
HSML-C191
HSMC-C191
Untinted, Diffused
3.2 x 1.6 x 1.1
HSMA-C150
HSML-C150
HSMC-C150
Untinted, Diffused
Absolute Maximum Ratings
TA = 25°C
HSMA-C110/170/190/191/150
HSML-C110/170/190/191/150
Parameter
HSMC-C110/170/190/191/150
HSMZ-C110/170/190
Units
DC Forward Current[1,2]
25
25
mA
Power Dissipation
60
65
mW
Reverse Voltage (IR = 100 µA)
5
5
V
LED Junction Temperature
95
95
°C
Operating Temperature Range
–30 to +85
–30 to +85
°C
Storage Temperature Range
–40 to +85
–40 to +85
°C
Soldering Temperature
See reflow soldering profile (Figure 7 & 8)
Notes:
1. Derate linearly as shown in Figure 4.
2. Drive currents above 5 mA are recommended for best long term performance.
HSMx-C150
3.2 (0.126 )
0.5 (0.020)
0.50 ± 0.2
(0.020 ± 0.008)
0.6 (0.024)
POLARITY
CATHODE
MARK
1.1 (0.043)
0.50 ± 0.2
(0.020 ± 0.008)
2.0 (0.079)
0.8 (0.031)
LED DIE
DIFFUSED
EPOXY
PC BOARD
SOLDERING
TERMINAL
1.6 (0.063)
CATHODE LINE
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm (± 0.004 IN.) UNLESS OTHERWISE SPECIFIED.


Similar Part No. - HSMX-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C110 HP-HSMX-C110 Datasheet
229Kb / 8P
   SMT ChipLEDs
HSMX-C110 HP-HSMX-C110 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
HSMX-C110 HP-HSMX-C110 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
logo
Broadcom Corporation.
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
More results

Similar Description - HSMX-C110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com