Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3031B Datasheet(PDF) 7 Page - Applied Micro Circuits Corporation

Part # S3031B
Description  E4/STM-1/OC-3 ATM TRANSCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S3031B Datasheet(HTML) 7 Page - Applied Micro Circuits Corporation

Back Button S3031B Datasheet HTML 3Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 4Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 5Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 6Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 7Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 8Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 9Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 10Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 11Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
E4/STM-1/OC-3 ATM TRANSCEIVER
S3031B
7
August 19, 1999 / Revision D
S3031B RECEIVER OPERATION
The S3031B transceiver chip provides the first stage of
the digital process of a receive SONET STS-3 or ITU-
T E4 serial bit stream. A Coded Mark Inversion (CMI)
decoder can be enabled for decoding STS-3 electrical
and E4 signal. The recovered and decoded signal is
output as both retimed bit-serial 155.52 or 139.264
Mbps NRZ data and as a 38.88 or 34.816 Mbyte/s 4-bit
nibble parallel outputs.
Clock recovery is performed on the incoming scrambled
NRZ or CMI-coded data stream. A reference clock is
required for phase locked loop start-up and proper
operation under loss of signal conditions. An integral
prescaler and phase locked loop circuit is used to
multiply this reference frequency to the nominal bit rate.
Clock Recovery
The clock recovery function, as shown in the block
diagram in Figure 9, generates a clock that is fre-
quency matched to the incoming data baud rate at
the RSDATIP/N differential inputs. The clock is phase
aligned by a PLL so that it samples the data in the
center of the data eye pattern.
The phase relationship between the edge transitions
of the data and those of the generated clock are
compared by a phase/frequency discriminator. Out-
put pulses from the discriminator indicate the required
direction of phase corrections. These pulses are
smoothed by an integral loop filter. The output of the
loop filter controls the frequency of the Voltage Con-
trolled Oscillator (VCO), which generates the recov-
ered clock. Frequency stability without incoming data
is guaranteed by an alternate reference input
(REFCLK) to which the PLL locks when data is lost.
When the Test Clock Enable (TSTCLKEN) input is
set high, the clock recovery block is disabled. The
Test Clock (TESTCLK) is used as the bit rate clock
input in place of the recovered clock. This feature is
used for functional testing of the device.
The loop filter transfer function is optimized to enable
the PLL to track the jitter, yet tolerate the minimum
transition density expected in a received SONET or
E4 data signal. This transfer function yields a typical
capture time of 16
µs for random incoming NRZ data.
The total loop dynamics of the clock recovery PLL yield
a jitter tolerance which exceeds the minimum tolerance
proposed for OC-3/STM-1/E4 equipment by the Bellcore
and ITU-T documents, shown in Figure 12.
Optical and Electrical Interfaces
The digital data inputs (RSDATIP/N) are the PECL
inputs from an optical to electrical converter, as shown
in Figure 16. The data input for the coaxial interface is
ANDATIN, which is the serial data input from the equal-
izer circuit and should be connected as shown in Figure
19. The EQUALSEL input is used to select either
RSDATIP/N or ANDATIN.
CMI Decoding
The CMI decoder block on the S3031B accepts serial
data from the TSDATIP/N input at the rate of 139.264 or
155.52 Mbps. The incoming CMI data, which has tran-
sitions that represent this data rate (the clock associ-
ated with this data would be running at twice this rate),
is then decoded from CMI to NRZ format.
Loss of Signal
The clock recovery circuit monitors the incoming data
stream for loss of signal. If the incoming encoded data
stream has had no transitions continuously for 100 to
200 recovered clock cycles, loss of signal is declared
and the PLL will switch from locking onto the incoming
data to locking onto the reference clock per the require-
ments of G.775. Alternatively, the loss-of signal (LOSIN)
input can force a loss-of-signal condition. This signal is
compared internally against the LOSREF input refer-
ence voltage. This input can be set to meet the condi-
tions shown in Figure 10. If the zero to peak signal level
drops below the LOSREF/20 voltage level for more than
100 to 200 bit intervals, a loss of signal condition will be
indicated on the LOSOUT pin and the PLL will change
its reference from the serial data stream to the reference
clock. When the peak input voltage is greater than
LOSREF/10, the loss of signal condition will be
deasserted and the PLL will recover the clock from the
serial data inputs.
In clock recovery mode, the receiver PLL also moni-
tors the reference clock with respect to the VCO. If the
VCO drifts away from the local reference clock by
more than 1000 ppm the PLL will re-lock to the refer-
ence clock and the LOSOUT will be set to the active
low condition.
The LOSOUT will return to the High or inactive state
and the PLL will again lock to the data if the serial data
contains sufficient transition density (less than 100 to
200 bit times between rising edges), and the serial
clock is within 250 ppm of the reference clock deter-
mined frequency.


Similar Part No. - S3031B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3031-D300 ETC1-S3031-D300 Datasheet
105Kb / 2P
   Scavenger Transceiver Module STM 300 and STM 300C
More results

Similar Description - S3031B

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
logo
NXP Semiconductors
MC92501 NXP-MC92501 Datasheet
236Kb / 6P
   OC-3/STM-1 ATM Cell Processor
9/10/98
logo
M/A-COM Technology Solu...
29704-BRF-003-A MA-COM-29704-BRF-003-A_15 Datasheet
366Kb / 2P
   OptiPHY??F155 Quad OC-3/STM-1 ATM/POS PHY
29704-BRF-003-A MA-COM-29704-BRF-003-A Datasheet
366Kb / 2P
   OptiPHY F155 Quad OC-3/STM-1 ATM/POS PHY
logo
Exar Corporation
XRT95L34 EXAR-XRT95L34 Datasheet
14Kb / 2P
   OC-12/STM-4, QUAD OC-3/STM-1 POS/ATM FRAMER WITH INTEGRATED CDR?셎
logo
Finisar Corporation.
FTLF1323F2GTR FINISAR-FTLF1323F2GTR Datasheet
217Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323F2XTR FINISAR-FTLF1323F2XTR Datasheet
246Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323S2GTR FINISAR-FTLF1323S2GTR Datasheet
248Kb / 11P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x10 SFF Transceiver
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com