Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-C190 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C190
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C190 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMX-C190 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Note:
1. Bincategoriesareestablishedforclassificationofproducts.Products
may not be available in all categories. Please contact your Avago repre-
sentative for information on currently available bins.
Note:
1. Bin categories are established for classification of products. Products may not be available in all
categories.PleasecontactyourAvagorepresentativeforinformationoncurrentlyavailablebins.
Orange Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
597.0
600.0
B
600.0
603.0
C
603.0
606.0
D
606.0
609.0
E
609.0
612.0
F
612.0
615.0
Tolerance:
± 1 nm.
Amber Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Tolerance:
± 1 nm.
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Intensity (mcd)
Bin ID
Min.
Max.
Bin ID
Min.
Max.
A
0.11
0.18
N
28.50
45.00
B
0.18
0.29
P
45.00
71.50
C
0.29
0.45
Q
71.50
112.50
D
0.45
0.72
R
112.50
180.00
E
0.72
1.10
S
180.00
285.00
F
1.10
1.80
T
285.00
450.00
G
1.80
2.80
U
450.00
715.00
H
2.80
4.50
V
715.00
1125.00
J
4.50
7.20
W
1125.00
1800.00
K
7.20
11.20
X
1800.00
2850.00
L
11.20
18.00
Y
2850.00
4500.00
M
18.00
28.50
Tolerance:
± 15%.
Color Bin Limits[1]


Similar Part No. - HSMX-C190

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C190 HP-HSMX-C190 Datasheet
229Kb / 8P
   SMT ChipLEDs
HSMX-C190 HP-HSMX-C190 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
HSMX-C190 HP-HSMX-C190 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
More results

Similar Description - HSMX-C190

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com