Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP422 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP422
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP422 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button TMP422 Datasheet HTML 2Page - Burr-Brown (TI) TMP422 Datasheet HTML 3Page - Burr-Brown (TI) TMP422 Datasheet HTML 4Page - Burr-Brown (TI) TMP422 Datasheet HTML 5Page - Burr-Brown (TI) TMP422 Datasheet HTML 6Page - Burr-Brown (TI) TMP422 Datasheet HTML 7Page - Burr-Brown (TI) TMP422 Datasheet HTML 8Page - Burr-Brown (TI) TMP422 Datasheet HTML 9Page - Burr-Brown (TI) TMP422 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
25
20
15
10
5
0
-
5
-
10
-
15
-
20
-
25
Frequency(MHz)
0
5
10
15
Local100mV
Noise
PP
Remote100mV
Noise
PP
Local250mV
Noise
PP
Remote250mV
Noise
PP
500
450
400
350
300
250
200
150
100
50
0
ConversionRate(conversions/sec)
0.0625
0.125
0.25
0.5
1
2
4
8
V =2.7V
S
V =5.5V
S
500
450
400
350
300
250
200
150
100
50
0
SCLCLockFrequency(Hz)
1k
10k
100k
1M
10M
V =3.3V
S
V =5.5V
S
V (
S V)
8
7
6
5
4
3
2
1
0
4.5
3.0
3.5
4.0
5.5
5.0
2.5
TMP421
TMP422
SBOS398A – JULY 2007 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VS = +5.0V, unless otherwise noted.
TEMPERATURE ERROR
QUIESCENT CURRENT
vs POWER-SUPPLY NOISE FREQUENCY
vs CONVERSION RATE
Figure 7.
Figure 8.
SHUTDOWN QUIESCENT CURRENT
SHUTDOWN QUIESCENT CURRENT
vs SCL CLOCK FREQUENCY
vs SUPPLY VOLTAGE
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422


Similar Part No. - TMP422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP422 TI-TMP422 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422 TI1-TMP422 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP422 TI1-TMP422 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP422 TI1-TMP422 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results

Similar Description - TMP422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com