Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP421AIDCNR Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP421AIDCNR
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP421AIDCNR Datasheet(HTML) 5 Page - Burr-Brown (TI)

  TMP421AIDCNR Datasheet HTML 1Page - Burr-Brown (TI) TMP421AIDCNR Datasheet HTML 2Page - Burr-Brown (TI) TMP421AIDCNR Datasheet HTML 3Page - Burr-Brown (TI) TMP421AIDCNR Datasheet HTML 4Page - Burr-Brown (TI) TMP421AIDCNR Datasheet HTML 5Page - Burr-Brown (TI) TMP421AIDCNR Datasheet HTML 6Page - Burr-Brown (TI) TMP421AIDCNR Datasheet HTML 7Page - Burr-Brown (TI) TMP421AIDCNR Datasheet HTML 8Page - Burr-Brown (TI) TMP421AIDCNR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
3
2
1
0
-
1
-
2
-
3
AmbientTemperature,T ( C)
°
A
-
50
-
25
125
100
75
50
25
0
V =3.3V
S
T
=+25 C
REMOTE
°
30TypicalUnitsShown
h
=1.008
AmbientTemperature,T (
A °C)
3.0
2.0
1.0
0
-
1.0
-
2.0
-
3.0
-
50
125
-
25
0
25
50
75
100
50UnitsShown
V =3.3V
S
60
40
20
0
-
20
-
40
-
60
LeakageResistance(M )
W
0
5
10
15
20
25
30
R GND
-
R VS
-
R
W
( )
S
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
0
3500
500
1000
1500
2000
2500
3000
V =2.7V
S
V =5.5V
S
3
2
1
0
-
1
-
2
-
3
Capacitance(nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
R (W)
S
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
0
3500
500
1000
1500
2000
2500
3000
V =2.7V
S
V =5.5V
S
TMP421
TMP422
SBOS398A – JULY 2007 – REVISED SEPTEMBER 2007
At TA = +25°C and VS = +5.0V, unless otherwise noted.
REMOTE TEMPERATURE ERROR
LOCAL TEMPERATURE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 1.
Figure 2.
REMOTE TEMPERATURE ERROR
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
vs LEAKAGE RESISTANCE
(Diode-Connected Transistor, 2N3906 PNP)
Figure 3.
Figure 4.
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
REMOTE TEMPERATURE ERROR
(GND Collector-Connected Transistor, 2N3906 PNP)
vs DIFFERENTIAL CAPACITANCE
Figure 5.
Figure 6.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMP421 TMP422


Similar Part No. - TMP421AIDCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421AIDCNR TI-TMP421AIDCNR Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP421AIDCNR TI1-TMP421AIDCNR Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421AIDCNRG4 TI-TMP421AIDCNRG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP421AIDCNRG4 TI1-TMP421AIDCNRG4 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results

Similar Description - TMP421AIDCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com