Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-7934HZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-7934HZ
Description  Four-Channel Pluggable Parallel Fiber Optic Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-7934HZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-7934HZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Transmitter Electrical Characteristics
(Over recommended operating conditions: Tc= 0ºC to +80ºC, Vcc=3.3V + 5%)
Parameter
Symbol
Minimum Typical
Maximum Unit
Reference
Differential Input Impedance
Zin
80
100
120
W
1, Figure 9
FAULT* Assert time
TOFF
100
µs
Figure 13
RESET* Assert time
TOFF
7.5
µs
Figure 14
RESET* De-assert time
TON
18
ms
Figure 14
Transmit Enable (TX_EN) Assert time
TON
18
ms
Figure 15
Transmit Enable (TX_EN) De-assert time
TOFF
7.5
µs
Figure 15
Transmit Disable (TX_DIS) Assert time
TOFF
7.5
µs
Figure 15
Transmit Disable (TX_DIS) De-assert time
TON
18
ms
Figure 15
Power-On Initiation Time
21
ms
Figure 17
Control I/Os
TX _DIS, TX_EN,
TX_FAULT*,
TX_RESET*
Input Current High
| IIH |0.5
mA
2.0 V < VIH < VCC
Input Current Low
| IIL |0.5
mA
VEE < VIH < 0.8 V
Output Voltage Low
VOL
VEE
0.4
V
IOL = 4.0 mA
Output Voltage High
VOH
2.4
VCC
VIOH = -0.5 mA
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Reference
Optical Modulation Amplitude
OMA
-7.22
dBm
Center Wavelength
lC
830
850
860
nm
Spectral Width - rms
s
0.85
nm rms
Rise, Fall Time
tr, tf
60
100
ps
2
Inter-channel Skew
50
100
ps
3
Relative Intensity Noise OMA
RIN12OMA
-119.5
dB/Hz
Jitter Contribution
Deterministic
DJ
60
ps
4
Total
TJ
120
ps
5
Output Optical Power, 50/125 um, Fiber NA =0.2
POUT
-2.0
dBm Avg.
6
Notes:
1. Differential impedance is measured between D
IN+ and DIN- over the range 4 MHz to 2 GHz.
2. These are unfiltered 20% - 80% values measured with a 550 MBd 101010 pattern.
3. Inter-channel Skew is defined for the condition of equal amplitude, zero ps skew input signals.
4. Deterministic Jitter (DJ) is defined as the combination of Duty Cycle Distortion (Pulse-Width Distortion) and Data Dependent Jitter. Deterministic
Jitter is measured at the 50% signal threshold level using a 3.125 GBd Pseudo Random Bit Sequence of length 27 -1 (PBRS7), or equivalent, test
pattern with zero skew between the differential data input signals.
5. Total Jitter (TJ) includes Deterministic Jitter and Random Jitter (RJ). Total Jitter is specified at a BER of 10-12 for the same 3.125 GBd test pattern
as for DJ and is measured with all channels operating.
6. The specified optical output power, measured at the output of a 2meter test cable, will be compliant with IEC 60825-1 Amendment 2, Class 1M
Accessible Emission Limits, AEL Regulatory Compliance section.
Transmitter Optical Characteristics
(Over recommended operating conditions: Tc= 0ºC to +80ºC, Vcc=3.3V + 5%)


Similar Part No. - HFBR-7934HZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934HWZ AVAGO-HFBR-7934HWZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
More results

Similar Description - HFBR-7934HZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934EWZ AVAGO-HFBR-7934EWZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7924Z AVAGO-HFBR-7924Z Datasheet
443Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
HFBR-7924EWZ AVAGO-HFBR-7924EWZ Datasheet
586Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com