Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5030 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5030
Description  Low Power Optical Mouse Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5030 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5030 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image

AC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 3.3 V.
Parameter
Symbol MinimumTypical MaximumUnits Notes
Reset Pulse Width
tRESET
250
ns
Active low
Motion Delay after Reset
tMOT-RST
50
ms
From NRESET pull high to valid motion, assuming
VDD and motion is present
Forced Rest Enable
tREST-EN
1
s
From Rest Mode(RM) bits set to target rest mode
Wake from Forced Rest
tREST-DIS
1
s
From Rest Mode(RM) bits cleared to valid motion
Power Down
tPD
50
ms
From PD (when bit 1 of register 0x0d is set) to
low current
Wake from Power Down
tWAKEUP
50
55
ms
From PD inactive (when NRESET pin is asserted low to
high or write 0x5a to register 0x3a) to valid motion
MISO Rise Time
tr-MISO
40
200
ns
CL = 100pF
MISO Fall Time
tf-MISO
40
200
ns
CL = 100pF
MISO Delay after SCLK
tDLY-MISO
120
ns
From SCLK falling edge to MISO data valid, no load
conditions
MISO Hold Time
thold-MISO
0.5
1/fSCLK
µs
Data held until next falling SCLK edge
MOSI Hold Time
thold-MOSI
200
ns
Amount of time data is valid after SCLK rising edge
MOSI Setup Time
tsetup-MOSI 120
ns
From data valid to SCLK rising edge
SPI Time between Write
tSWW
30
µs
From rising SCLK for last bit of the first data byte,
Commands
to rising SCLK for last bit of the second data byte
SPI Time between Write and tSWR
20
µs
From rising SCLK for last bit of the first data byte,
Read Commands
to rising SCLK for last bit of the second address byte
SPI Time between Read
tSRW
250
ns
From rising SCLK for last bit of the first data byte, to
and Subsequent Commands tSRR
falling SCLK for the first bit of the next address
SPI Read Address-Data
tSRAD
4
µs
From rising SCLK for last bit of the address byte,
Delay
to falling SCLK for first bit of data being read
NCS Inactive after Motion
tBEXIT
250
ns
Minimum NCS inactive time after motion burst before
Burst
next SPI usage
NCS to SCLK Active
tNCS-SCLK
120
ns
From NCS falling edge to first SCLK rising edge
SCLK to NCS Inactive
tSCLK-NCS
120
ns
From last SCLK rising edge to NCS rising edge,
(for Read Operation)
for valid MISO data transfer
SCLK to NCS Inactive
tSCLK-NCS
20
µs
From last SCLK rising edge to NCS rising edge,
(for Write Operation)
for valid MOSI data transfer
NCS to MISO high-Z
tNCS-MISO
250
ns
From NCS rising edge to MISO high-Z state
Transient Supply Current
IDDT
60
mA
Max supply current during a VDD ramp from 0 to VDD
Figure 9. Distance from lens reference plane to tracking surface (Z).
2.40
(0.094)
Z =
OBJECT SURFACE
SENSOR
LENS
LENS REFERENCE PLANE


Similar Part No. - ADNS-5030

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-5030 BOARDCOM-ADNS-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-5030

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com