Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-779BZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-779BZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-779BZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-779BZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Receiver Electrical Characteristics
(TC = 0 °C to +80 °C, VCC = 3.3 V ± 5%, Typical TC = +40 °C, VCC = 3.3 V)
Notes:
1. ICCR is the dc supply current, dependent upon the number of active channels, where the Data Outputs are ac coupled with capacitors between the
outputs and any resistive terminations. See Figure 7 for recommended termination.
2. Measured over the range 4 MHz to 2 GHz.
3. DVDOUTP-P = DVDOUTH – DVDOUTL, where DVDOUTH = High State Differential Data Output Voltage and DVDOUTL = Low State Differential Data Output
Voltage. DVDOUTH and DVDOUTL = VDOUT+ – VDOUT–, measured with a 100 W differential load connected with the recommended coupling capacitors
and with a 2500 MBd, 8B10B serial encoded data pattern.
4. Inter-channel Skew is defined for the condition of equal amplitude, zero ps skew input signals. Input power at –10 dBm.
5. Rise and Fall Times are measured between the 20% and 80% levels using a 500 MHz square wave signal.
6. The Signal Detect output will change from logic “0” (Low) to “1” (High) within the specified assert time for a step transition in optical input power
from the de-asserted condition to the specified asserted optical power level on all 12 channels.
7. The Signal Detect output will change from logic “1” (High) to “0” (Low) within the specified de-assert time for a step transition in optical input
power from the specified asserted optical power level to the de-asserted condition on any 1 channel.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
(Conditions)
Supply Current
ICCR
400
445
mA
1, Fig. 5
Power Dissipation
PDISR
1.3
1.55
W
Differential Output Impedance
ZOUT
80
100
120
W
2, Fig. 8, 10
Data Output Differential Peak-to-Peak
Voltage Swing
D
VDOUTP-P
450
600
750
mVP-P
3, Figs. 7, 8
Inter-channel Skew
100
150
ps
4
Differential Data Output Rise/Fall Time
tr/tf
110
150
ps
5
Signal Detect Assert Time (OFF-to-ON)
De-assert Time (ON-to-OFF)
tSDA
tSDD
170
190
µs
µs
6
7
Control I/O
Output Voltage Low
LVTTL & LVCMOS
Output Voltage High
Compatible
VOL
VOH
VEE
2.5
3.1
0.4
VCC
V
V
(IOL = 4.0 mA)
(IOH = -0.5 mA)


Similar Part No. - HFBR-779BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BEWZ AVAGO-HFBR-779BEWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BHWZ AVAGO-HFBR-779BHWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results

Similar Description - HFBR-779BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com