Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-772BEZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-772BEZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BEZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-772BEZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BEZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BEZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BEZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BEZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BEZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BEZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BEZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BEZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Electrical Characteristics
Transmitter Electrical Characteristics
(TC = 0 °C to +80 °C, VCC = 3.3 V ± 5%, Typical TC = +40 °C, VCC = 3.3 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
(Conditions)
Supply Current
ICCT
320
415
mA
Fig. 6
Power Dissipation
PDIST
1.1
1.45
W
Differential Input Impedance
Zin
80
100
120
W
1, Fig. 7, 11
FAULT Assert Time
TOFF
200
250
µs
Fig. 13
RESET Assert Time
TOFF
57.5
µs
Fig. 14
RESET De-assert Time
TON
55
100
ms
Fig. 14
Transmit Enable (TX_EN) Assert Time
TON
55
100
ms
Fig. 15
Transmit Enable (TX_EN) De-assert Time
TOFF
57.5
µs
2, Fig. 15
Transmit Disable (TX_DIS) Assert Time
TOFF
57.5
µs
Fig. 15
Transmit Disable (TX_DIS) De-assert Time
TON
55
100
ms
Fig. 15
Power On Initiation Time
TINT
60
100
ms
Fig. 12
Control I/Os
|Input Current High |
|IIH|
0.5
mA
(2.0 V < VIH < VCC)
(TX_EN, TX_DIS | Input Current Lo w|
|IIL|0.5
mA
(VEE < VIL < 0.8 V)
FAULT, RESET)
Output Voltage Low
VOL
VEE
0.4
V
(IOL = 4.0 mA)
Compatible
Output Voltage High
VOH
2.5
3.3
VCC
V(IOH = –0.5 mA)
Notes:
1. Differential impedance is measured between DIN+and DIN– over the range 4 MHz to 2 GHz.
2. When the control signal Transmitter Enable, Tx_EN, is used to disable the transmitter, Tx_EN must be taken to a logic low-state level (VIL) for one
millisecond or longer. Similarly, if the control signal Transmitter Disable, Tx_DIS, is used, then Tx_DIS must be taken to a logic high- state level (VIH)
for one millisecond or longer.


Similar Part No. - HFBR-772BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-772BEPWZ AVAGO-HFBR-772BEPWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
HFBR-772BEWZ AVAGO-HFBR-772BEWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
More results

Similar Description - HFBR-772BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com