Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-7924HZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-7924HZ
Description  Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-7924HZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-7924HZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924HZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924HZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924HZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924HZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924HZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924HZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924HZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924HZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
General/Control Electrical Characteristics
(Over recommended operating conditions: Tc= 0ºC to +80ºC, Vcc=3.3V + 5%)
Regulatory Compliance
The overall equipment design will determine the
certification level. The module performance is offered
as a figure of merit to assist the designer in considering
their use in equipment designs.
Electrostatic Discharge (ESD)
There are two design cases in which immunity to ESD
damage is important.
The first case is during handling of the module prior to
mounting it on the circuit board. It is important to use
normal ESD handling precautions for ESD sensitive
devices. These precautions include using grounded
wrist straps, workbenches and floor mats in ESD
controlled areas. The module performance has been
shown to provide adequate performance in typical
industry production environments.
The second case to consider is static discharges to the
exterior of the equipment chassis containing the
module parts.
To the extent that the MT-based
connector receptacle is exposed to the outside of the
equipment chassis it may be subject to whatever
system-level ESD test criteria that the equipment is
intended to meet. The module performance exceeds
typical industry equipment requirements of today.
Electromagnetic Interference (EMI)
Most equipment designs using these high-speed
modules from Avago Technologies will be required to
meet the requirements of FCC in the United States,
CENELEC EN55022 (CISPR 22) in Europe and VCCI in
Japan. These modules, with their shielded design,
perform to the limits listed in Table 1 to assist the
designer in the management of the overall equipment
EMI performance.
Parameter
Symbol
Minimum Typical
Maximum Unit
Reference
Supply Current
ICCT
300
400
mA
Power Dissipation
PDIST
1.0
1.39
W
Immunity
Equipment utilizing these modules will be subject to
radio frequency electromagnetic fields in some
environments. These modules have good immunity
to such fields due to their shielded design.
Eye Safety
These 850 nm VCSEL-based transceiver modules
provide eye safety by design.
The HFBR-7924Z has been registered with CDRH and
certified by TUV as a Class 1M device under
Amendment 2 of IEC 60825-1. See the Regulatory
Compliannce Table for further detail. If Class 1M
exposure is possible, a safety-warning label should be
placed on the product stating the following:
LASER RADIATION
DO NOT VIEW DIRECTLY WITH OPTICAL
INSTRUMENTS.
CLASS 1M LASER PRODUCT
MTP®(MPO) Optics Cleaning Statement
The optical port has recessed optics that are visible
through the nose of the port. The port plug provided
should be installed whenever a fiber cable is not
connected. This ensures the optics remain clean and
no cleaning should be necessary. In the event of the
optics being contaminated, forced nitrogen or dry
clean air at less than 20 psi is the recommended
cleaning agent. The features of the optical port and
guide pins preclude the use of any solid instrument.
Liquids are not advised due to potential damage.
Application of wave soldering, reflow soldering and/or
aqueous wash processes with the HFBR-7924Z modules
device on board is not recommended as damage may
occur.
Normal handling precautions for electrostatic sensitive
devices should be taken (see ESD section).


Similar Part No. - HFBR-7924HZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-7924H HP-HFBR-7924H Datasheet
440Kb / 19P
   Agilent HFBR-7924 and HFBR-7924E/H/EH Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Agilent METRAK family
More results

Similar Description - HFBR-7924HZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7924EWZ AVAGO-HFBR-7924EWZ Datasheet
586Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
logo
Agilent(Hewlett-Packard...
HFBR-7924 HP-HFBR-7924 Datasheet
440Kb / 19P
   Agilent HFBR-7924 and HFBR-7924E/H/EH Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Agilent METRAK family
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934EWZ AVAGO-HFBR-7934EWZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
AFCT-5765ANPZ AVAGO-AFCT-5765ANPZ Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI Part of the Avago Technologies METRAK Family
AFCT-5943LZ AVAGO-AFCT-5943LZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation (Part of the Avago Technologies??METRAK family)
AFCT-5942LZ AVAGO-AFCT-5942LZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation (Part of the Avago Technologies??METRAK family)
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com