Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFM-7101-BLKG Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7101-BLKG
Description  PCS/Cellular/GPS Quintplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7101-BLKG Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7101-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7101-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7101-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7101-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7101-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7101-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7101-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7101-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7101-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ACFM-7101
PCS/Cellular/GPS Quintplexer
Datasheet
Description
The Avago Technologies’ ACFM-7101 is a quintplexer that
combines PCS and Cellular duplexer functions with a GPS
filter, thereby eliminating the need for antenna switching
between services.
The ACFM-7101 is designed with Avago Technologies’ Film
Bulk Acoustic Resonator (FBAR) technology. The ACFM-7101
also utilizes Avago Technologies’ innovative Microcap bonded-
wafer, chip scale packaging technology. This process allows
the filters to be assembled in a module that is less than 1.3 mm
high with a footprint of only 5 mm x 8 mm.
Low Tx Insertion Loss reduces power amplifier current,
extending battery life and talk time. The ACFM-7101
enhances receiver sensitivity and dynamic range with low
Rx Insertion Loss and high rejection of Tx signals at the Rx
ports.
The excellent power handling capability of Avago Technologies’
FBAR bulk-mode resonators supports the high Tx output power
levels needed in handsets while adding virtually no distortion
Functional Block Diagram
Ant
Cell Rx
PCS Tx
Port 6
Port 1
Port 2
Cell Tx
Port 5
PCS Rx
Port 3
GPS
Port 4
Features
Single antenna connection for PCS duplexer, Cellular
duplexer, and GPS filter
Eliminates antenna switching
Miniature size
o
5 x 8 mm Footprint
o
1.3 mm Max Height
High Power Rating
o
+33 dBm Max Tx Power
Lead-Free Construction
Specifications
Performance guaranteed –30 to +85°C
GPS Insertion Loss: 1.5 dB Max
Cellular Duplexer Rx (869 – 894 MHz)
o
Insertion Loss: 3.4 dB Max
o
Noise Blocking: 45 dB Min
Cellular Duplexer Tx (824 – 849 MHz)
o
Insertion Loss: 2.4 dB Max
o
Interferer Blocking: 55 dB Min
PCS Duplexer Rx (1930.5 – 1989.5 MHz)
o
Insertion Loss: 4.2 dB Max
o
Noise Blocking: 42 dB Min
PCS Duplexer Tx (1850.5 – 1909.5 MHz)
o
Insertion Loss: 3.9 dB Max
o
Interferer Blocking: 52 dB Min
Applications
Handsets or data terminals operating in the PCS and
Cellular frequency bands with GPS capability


Similar Part No. - ACFM-7101-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Broadcom Corporation.
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7102-BLK AVAGO-ACFM-7102-BLK Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
ACFM-7102-TR1 AVAGO-ACFM-7102-TR1 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
ACFM-7103 AVAGO-ACFM-7103 Datasheet
1Mb / 20P
   Single Antenna connection for PCS and Cell band duplexers
More results

Similar Description - ACFM-7101-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFM-7103 BOARDCOM-ACFM-7103 Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Maxim Integrated Produc...
MAX2351 MAXIM-MAX2351_04 Datasheet
603Kb / 27P
   Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
Rev 3; 1/04
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7107-TR1 AVAGO-ACFM-7107-TR1 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7107 AVAGO-ACFM-7107 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7109 AVAGO-ACFM-7109 Datasheet
323Kb / 13P
   PCS/Cellular Band Quadplexer
ACFM-7110 AVAGO-ACFM-7110 Datasheet
313Kb / 13P
   PCS/Cellular Band Quadplexer
logo
EPCOS
B9102 EPCOS-B9102 Datasheet
183Kb / 12P
   CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com