Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2919 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2919
Description  High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2919 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2919 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2919 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2919 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2919 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2919 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2919 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2919 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2919 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-2919 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Function
CLK
CE
RS
Select Dot Register
Not
Rising
Load Dot Register
DIN = HIGH, LED = "ON"
DIN = LOW, LED = "OFF"
LX
Copy Data from Dot
Register to Dot Latch
LH
X
Select Control Register
Not
Rising
H
Load Control Register [1,3]
LX
Latch Data to Control Word [2]
LH
X
Table 1. Register Truth Table
Figure 3. Write Cycle Timing Diagram
Dot Register
The Dot Register holds the pattern to be displayed by
the LEDs. Data is loaded into the Dot Register according
to the procedure shown in Table 1 and Figure 3.
First RS is brought low, then CE is brought low. Next,
each successive rising CLK edge will shift in the data at
the DIN pin. Loading a logic high will turn the
corresponding LED on; a logic low turns the LED off.
When all 160 bits have been loaded (or 320 bits in an
8-digit display), CE is brought to logic high.
When CLK is next brought to logic low, new data is
latched into the display dot drivers. Loading data into
the Dot Register takes place while the previous data is
displayed and eliminates the need to blank the display
while loading data.
Notes:
1. Bit D0 of Control Word 1 must have been preciously set to Low
for serial mode or High for simultaneous mode.
2. Selection of Control Word 1 or Control Word 0 is set by D7 of the
Control Shift Register. The unselected control word retains its
previous value.
3. Control Word data is loaded Most Significant Bit (D7) first.
NOTE:
1. DATA IS COPIED TO THE CONTROL REGISTER OR THE DOT LATCH AND LED OUTPUTS WHEN CE IS HIGH AND CLK IS LOW.
TRSS
RSH
T
T CLKCE
CES
T
CLKH
T
CLKL
T
CEH
T
DS
T
DH
T
CEDO
T
DOUT
T
DOUTP
T
PREVIOUS DATA
NEW DATA
12
11
4
3
5
1
6
2
7
10
8
9
NEW DATA LATCHED HERE
[1]
CE
RS
CLK
D
IN
LED OUTPUTS,
CONTROL
REGISTERS
(SIMULTANEOUS)
OUT
D
D
(SERIAL)
OUT


Similar Part No. - HCMS-2919

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2911 HP-HCMS-2911 Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2911 AVAGO-HCMS-2911 Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-2911 HP-HCMS-2911 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2911 AVAGO-HCMS-2911 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2911 BOARDCOM-HCMS-2911 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2919

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2819 AVAGO-HCMS-2819 Datasheet
212Kb / 12P
   High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
Siemens Semiconductor G...
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
   17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com