Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMZ-C190 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMZ-C190
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMZ-C190 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMZ-C190 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMZ-C190 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMZ-C190 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMZ-C190 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMZ-C190 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMZ-C190 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMZ-C190 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMZ-C190 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMZ-C190 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Figure 13. Reeling orientation.
Figure 14. Reel dimensions.
10.50 ± 1.0 (0.413 ± 0.039)
59.60 ± 1.00
(2.346 ± 0.039)
Ø 20.20 MIN.
(Ø 0.795 MIN.)
6
PS
;;
;;
;;
;;
;;
;;
178.40 ± 1.00
(7.024 ± 0.039)
3.0 ± 0.5
(0.118 ± 0.020)
4.0 ± 0.5
(0.157 ± 0.020)
5.0 ± 0.5
(0.197 ± 0.020)
Ø 13.1 ± 0.5
(Ø 0.516 ± 0.020)
8.0 ± 1.0 (0.315 ± 0.039)
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
Note: All dimensions in millimeters (inches).


Similar Part No. - HSMZ-C190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMZ-C190 ETC1-HSMZ-C190 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMZ-C190 BOARDCOM-HSMZ-C190 Datasheet
191Kb / 9P
   High Performance ChipLED
More results

Similar Description - HSMZ-C190

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com