Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AB87-MQ000 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AB87-MQ000
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AB87-MQ000 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AB87-MQ000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AlInGaP Red
InGaN Blue and Green
Figure 1. Relative intensity vs. wavelength
Figure 2. Forward current vs. forward voltage
Figure 3. Forward current vs. ambient temperature Figure 4. Relative luminous intensity vs. forward
current
Figure 5. Relative Intensity vs. Wavelength
Figure 6. Forward current vs. forward voltage.
Figure 7. Forward Current vs. Ambient Tempera-
ture.
WAVELENGTH – nm
1.0
0.5
0
600
700
650
550
0
40
20
VF - FORWARD VOLTAGE - V
0
3.0
1.5
2.0
2.5
10
30
50
1.0
0.5
0
10
20
30
40
50
60
0
20
40
60
80
100
TA- AMBIENT TEMPERATURE - oC
0
0
FORWARD CURRENT - mA
20
40
2.0
1.0
50
0.5
1.5
2.5
30
10
WAVELENGTH - nm
350
400
450
500
550
600
650
1.00
BLUE
0
0.80
0.60
0.40
0.20
GREEN
0
5
10
15
20
25
30
35
0
1
2
3
4
FORWARD VOLTAGE - V
0
0
TA – AMBIENT TEMPERATURE – °C
60
25
20
15
10
5
80
35
100
20
40
30


Similar Part No. - HLMP-AB87-MQ000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AB87-MQ0XX HP-HLMP-AB87-MQ0XX Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results

Similar Description - HLMP-AB87-MQ000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com