Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-C660 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C660
Description  Right Angle Surface Mount Chip LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C660 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HSMX-C660 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Figure11.TapeDimensions.
Figure10.ReelDimensions.
10.50 ± 1.0 (0.413 ± 0.039)
59.60 ± 1.00
(2.346 ± 0.039)
Ø 20.20 MIN.
(Ø 0.795 MIN.)
6
PS
178.40 ± 1.00
(7.024 ± 0.039)
3.0 ± 0.5
(0.118 ± 0.020)
4.0 ± 0.5
(0.157 ± 0.020)
5.0 ± 0.5
(0.197 ± 0.020)
Ø 13.1 ± 0.5
(Ø 0.516 ± 0.020)
8.0 ± 1.0 (0.315 ± 0.039)
TABLE 1
DIMENSIONS IN MILLIMETERS (INCHES)
PARTNUMBER
DIM.A
±0.10(0.004)
DIM.B
±0.10(0.004)
DIM.C
±0.10(0.004)
HSMx-C660
3.35 (0.132)
2.30 (0.091)
1.20 (0.047)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1mm (±0.004in.) unless otherwise specified.


Similar Part No. - HSMX-C660

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C660 HP-HSMX-C660 Datasheet
191Kb / 8P
   Right Angle Surface Mount Chip LEDs
More results

Similar Description - HSMX-C660

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C660 HP-HSMX-C660 Datasheet
191Kb / 8P
   Right Angle Surface Mount Chip LEDs
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com