Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HD61 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HD61
Description  Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HD61 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HD61 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
• Wave soldering parameter must be set and maintain
according to recommended temperature and dwell
time in the solder wave. Customer is advised to daily
check on the soldering profile to ensure the soldering
profile used is always conforming to recommended
soldering condition.
Note:
1. PCB with different size and design (component density) will have
different heat mass (heat capacity). This might cause a change in
temperature experienced by the board if same wave soldering
setting is used. So, it is recommended to re-calibrate the solder-
ing profile again prior to loading a new type of PCB.
2. Avago Technologies’ high brightness LED are using high effi-
ciency LED die with single wire bond as shown below. Customer
is advised to take extra precaution during wave soldering to
ensure that the maximum wave temperature is not exceeding
recommendation of 250 ° C. Over-stressing the LED during sol-
dering process might cause premature failure to the LED due to
delamination.
Precautions
Lead Forming:
• The leads of an LED lamp may be preformed or cut
to length prior to insertion and soldering into PC
board.
• If lead forming is required before soldering, care must
be taken to avoid any excessive mechanical stress
induced to LED package. Otherwise, cut the leads
of LED to length after soldering process at room
temperature. The solder joint formed will absorb the
mechanical stress of the lead cutting from traveling to
the LED chip die attach and wirebond.
• For better control, it is recommended to use proper
tool to precisely form and cut the leads to length
rather that doing it manually.
Soldering Condition:
• Care must be taken during PCB assembly and solder-
ing process to prevent damage to LED component.
• The closest manual soldering distance of the solder-
ing heat source (soldering iron’s tip) to the body is
1.59mm. Soldering the LED closer than 1.59mm might
damage the LED.
LED component
Lead size
Diagonal
Plated through
hole diameter
0.457 x 0.457mm
(0.018 x 0.018inch)
0.646 mm
(0.025 inch)
0.976 to 1.078 mm
(0.038 to 0.042 inch)
0.508 x 0.508mm
(0.020 x 0.020inch)
0.718 mm
(0.028 inch)
1.049 to 1.150mm
(0.041 to 0.045 inch)
Wave Soldering
Manual Solder
Dipping
Pre-heat temperature
105 °C Max.
-
Preheat time
30 sec Max
-
Peak temperature
250 °C Max.
260 °C Max.
Dwell time
3 sec Max.
5 sec Max
Note: Refer to application note AN1027 for more information
on soldering LED components.
1.59mm
AlInGaP Device
InGaN Device
• Recommended soldering condition:
Avago Technologies LED configuration
Note: Electrical connection between bottom surface of LED die and
the leadframe material through conductive paste or solder.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB during
soldering process.
Note: In order to further assist customer in designing jig accurately
that fit Avago Technologies’ product, 3D model of the product is
available upon request.
• At elevated temperature, the LED is more susceptible
to mechanical stress. Therefore, PCB must be allowed
to cool down to room temperature prior to handling,
which includes removal of jigs, fixtures or pallet.
• Special attention must be given to board fabrication,
solder masking, surface plating and lead holes size
and component orientation to assure solderability.
• Recommended PC board plated through holes size for
LED component leads.
• Over sizing of plated through hole can lead to twisting
or improper LED placement during auto insertion. Un-
der sizing plated through hole can lead to mechanical
stress on the epoxy lens during clinching


Similar Part No. - HLMP-HD61

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD55-NR0XX AVAGO-HLMP-HD55-NR0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HD57-NR0XX AVAGO-HLMP-HD57-NR0XX Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
More results

Similar Description - HLMP-HD61

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com