Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-C660 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-C660
Description  Right Angle Surface Mount Chip LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-C660 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-C660 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-C660 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-C660 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-C660 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-C660 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-C660 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-C660 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
AbsoluteMaximumRatingsatTA=25°C
Parameter
HSMx-C660
Units
DC Forward Current[1]
25
mA
Power Dissipation
65
mW
Reverse Voltage (IR = 100 µA)
5
V
Operating Temperature Range
–30 to +85
°C
Storage Temperature Range[2]
–40 to +100
°C
Notes:
1. Derate linearly as shown on Figure 4.
OpticalCharacteristicsatTA=25°C
Luminous
Color
Viewing
Luminous
IntensityIv
Peak
Dominant
Angle
Efficacy
(mcd)@
Wavelength
Wavelength
1/2
ηv
IF=20mA
λpeak(nm)
λd[1](nm)
(degrees)[2] (lm/W)
PartNo.
Color
Min. Typ.
Typ.
Typ.
Typ.
HSMH-C660
DH AlGaAs
6.3
16.0
650
639
155
80
Red
HSMS-C660
High
Efficiency
1.6
5.0
639
626
155
145
Red
HSMY-C660
Yellow
1.6
5.0
589
586
155
500
HSMG-C660
Green
4.0
9.0
570
572
155
595
Notes:
1. The luminous intensity IV is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the
LED package.
2. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is ½ the peak intensity.
ElectricalCharacteristicsatTA=25°C
Forward
Reverse
VoltageVF
Breakdown
CapacitanceC
Thermal
(Volts)@
VR(Volts)@
(pF)VF=0,
Resistance
IF=20mA
IR=100µA
f=1MHz
J-PIN(°C/W)
PartNo.
Color
Typ. Max.
Min.
Typ.
HSMH-C660
DH AlGaAs
1.8
2.2
5
4.5
300
Red
HSMS-C660
High
Efficiency
1.9
2.6
5
4.0
300
Red
HSMY-C660
Yellow
2.1
2.6
5
3.0
300
HSMG-C660
Green
2.2
2.6
5
8.0
300


Similar Part No. - HSMS-C660

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-C660 HP-HSMS-C660 Datasheet
191Kb / 8P
   Right Angle Surface Mount Chip LEDs
More results

Similar Description - HSMS-C660

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C660 HP-HSMX-C660 Datasheet
191Kb / 8P
   Right Angle Surface Mount Chip LEDs
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com