Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AM87-TW0DD Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AM87-TW0DD
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM87-TW0DD Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AM87-TW0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87-TW0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87-TW0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87-TW0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87-TW0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87-TW0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87-TW0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87-TW0DD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87-TW0DD Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Precautions:
Lead Forming:
• TheleadsofanLEDlampmaybepreformedorcutto
lengthpriortoinsertionandsolderingonPCboard.
• Forbettercontrol,itisrecommendedtousepropertool
topreciselyformandcuttheleadstoapplicablelength
ratherthandoingitmanually.
• Ifmanualleadcuttingisnecessary,cuttheleadsafter
thesolderingprocess.Thesolderconnectionformsa
mechanicalgroundwhichpreventsmechanicalstress
duetoleadcuttingfromtravelingintoLEDpackage.
Thisishighlyrecommendedforhandsolderoperation,
astheexcessleadlengthalsoactsassmallheatsink.
Soldering and Handling:
• CaremustbetakenduringPC�assemblyandsoldering
processtopreventdamagetotheLEDcomponent.
• LEDcomponentmaybeeffectivelyhandsolderedto
PC�.However,itisonlyrecommendedunderunavoid-
ablecircumstancessuchasrework.Theclosestmanual
soldering distance of the soldering heat source (sol-
deringiron’stip)tothebodyis1.�9mm.Solderingthe
LEDusingsolderingirontipcloserthan1.�9mmmight
damagetheLED.
��ote:
1. PC� with different size and design (component density) will have
differentheatmass(heatcapacity).Thismightcauseachangeintem-
peratureexperiencedbytheboardifsamewavesolderingsettingis
used.So,itisrecommendedtore-calibratethesolderingprofileagain
beforeloadinganewtypeofPC�.
�. AvagoTechnologies’highbrightnessLEDareusinghighefficiency
LEDdiewithsinglewirebondasshownbelow.Customerisadvised
to take extra precaution during wave soldering to ensure that the
maximumwavetemperaturedoesnotexceed��0°Candthesolder
contacttimedoesnotexceeding3sec.Over-stressingtheLEDduring
solderingprocessmightcauseprematurefailuretotheLEDdueto
delamination.
Avago Technologies LED configuration
1.�9mm
• ESDprecautionmustbeproperlyappliedonthesolder-
ingstationandpersonneltopreventESDdamagetothe
LEDcomponentthatisESDsensitive.DorefertoAvago
applicationnoteA��11��fordetails.Thesolderingiron
usedshouldhavegroundedtiptoensureelectrostatic
chargeisproperlygrounded.
• Recommendedsolderingcondition:
Wave
Soldering [1, 2]
Manual Solder
Dipping
Pre-heat temperat�re
105 °C Max.
-
Preheat time
60 sec Max
-
Peak temperat�re
250 °C Max.
260 °C Max.
�well time
3 sec Max.
5 sec Max
��ote:
1) Aboveconditionsreferstomeasurementwiththermocouplemounted
atthebottomofPC�.
�) Itisrecommendedtouseonlybottompreheatersinordertoreduce
thermalstressexperiencedbyLED.
• Wavesolderingparametersmustbesetandmaintained
accordingtotherecommendedtemperatureanddwell
time.Customerisadvisedtoperformdailycheckonthe
solderingprofiletoensurethatitisalwaysconforming
torecommendedsolderingconditions.
��ote:ElectricalconnectionbetweenbottomsurfaceofLEDdieand
theleadframeisachievedthroughconductivepaste.
• Anyalignmentfixturethatisbeingappliedduringwave
solderingshouldbelooselyfittedandshouldnotapply
weightorforceonLED.��onmetalmaterialisrecom-
mendedasitwillabsorblessheatduringwavesolder-
ingprocess.
• At elevated temperature, LED is more susceptible to
mechanicalstress.Therefore,PC�mustallowedtocool
down to room temperature prior to handling, which
includesremovalofalignmentfixtureorpallet.
• IfPC�boardcontainsboththroughhole(TH)LEDand
othersurfacemountcomponents,itisrecommended
thatsurfacemountcomponentsbesolderedonthetop
sideofthePC�.Ifsurfacemountneedtobeonthebot-
tomside,thesecomponentsshouldbesolderedusing
reflowsolderingpriortoinsertiontheTHLED.
• Recommended PC board plated through holes (PTH)
sizeforLEDcomponentleads.
LED component
lead size
Diagonal
Plated through
hole diameter
0.45 x 0.45 mm
(0.018x 0.018 inch)
0.636 mm
(0.025 inch)
0.98 to 1.08 mm
(0.039 to 0.043 inch)
0.50 x 0.50 mm
(0.020x 0.020 inch)
0.707 mm
(0.028 inch)
1.05 to 1.15 mm
(0.041 to 0.045 inch)
• Over-sizingthePTHcanleadtotwistedLEDafterclinch-
ing.OntheotherhandundersizingthePTHcancause
difficultyinsertingtheTHLED.
CATHODE
ANODE
AlInGaP Device
InGaN Device


Similar Part No. - HLMP-AM87-TW0DD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AM87-TW0XX HP-HLMP-AM87-TW0XX Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results

Similar Description - HLMP-AM87-TW0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com