Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HB61-QU0ZZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HB61-QU0ZZ
Description  Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB61-QU0ZZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB61-QU0ZZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB61-QU0ZZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB61-QU0ZZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB61-QU0ZZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB61-QU0ZZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB61-QU0ZZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB61-QU0ZZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB61-QU0ZZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB61-QU0ZZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Caution: InGaN devices are Class 1C HBM ESD Sensitive per JEDEC Standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
HLMP-HD61, HLMP-HM61 and HLMP-HB61
Precision Optical Performance Red, Green and Blue
5mm Standard Oval LEDs
Data Sheet
Description
These Precision Optical Performance Oval LEDs are
specifically designed for full color/video and passenger
information signs. The oval shaped radiation pattern
and high luminous intensity ensure that these devices
are excellent for wide field of view outdoor applications
where a wide viewing angle and readability in sunlight
are essential. These lamps have very smooth, matched
radiation patterns ensuring consistent color mixing in
full color applications, message uniformity across the
viewing angle of the sign. High efficiency LED material
is used in these lamps: Aluminum Indium Gallium Phos-
phide (AlInGaP II) for red and Indium Gallium Nitride for
blue and green. Each lamp is made with an advanced
optical grade epoxy offering superior high temperature
and high moisture resistance in outdoor applications.
Package Dimensions
Notes:
All dimensions in millimeters (inches).
For Blue and Green if heat-sinking application is required, the terminal for heat sink is anode.
Features
• Well defined spatial radiation pattern
• High brightness material
• Available in red, green and blue color.
Red AlInGaP 630mm
Green InGaN 525nm
Blue InGaN 470nm
• Superior resistance to moisture
• Standoff package
Applications
• Full color signs
• Commercial outdoor advertising.
Notes:
1. Measured at base of lens
cathode lead
7.01
0.276
5.20
0.205
24.00 min
0.945 min
1.00 min
0.039
2.54
0.10
3.80
0.150
0.70 max.
0.028
1.50±0.15
0.059±0.006
1.50 max.
0.059 max.
10.80±0.50
0.425±0.020
0.50±0.10 sq.
0.020±0.004


Similar Part No. - HLMP-HB61-QU0ZZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB63 AVAGO-HLMP-HB63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HB63-QU0XX AVAGO-HLMP-HB63-QU0XX Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HB64-QU0XX AVAGO-HLMP-HB64-QU0XX Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HB65 AVAGO-HLMP-HB65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

Similar Description - HLMP-HB61-QU0ZZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com